Electronic Components Datasheet Search
  English  ▼

X  

SDA20 Datasheet(PDF) 3 Page - Bedford Opto Technology Ltd.

Part # SDA20
Description  Optically Coupled Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SDA20 Datasheet(HTML) 3 Page - Bedford Opto Technology Ltd.

  SDA20 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 2Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 3Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ELECTRICAL CHARACTERISTICS at 25
oC
PARAMETER
TEST
CONDI-
TION
SDA20
SDA20/1
SDA20/2
LSA20S
LSA20E
UNITS
I.R.EMITTER
RADIANT
POWER DEN-
SITY
If = 50 mA
—
—
—
—
1.0min
mW/cm2 (2)
FORWARD
VOLTAGE
If = 50 mA
—
—
—
—
1.5max
Volts
REVERSE
LEAKAGE
VR = 2.0
V
—
—
—
—
100 max
μA
PEAK WAVE-
LENGTH
If = 50 mA
—
—
—
—
935 typ
nm
1/2 POWER
EMISSION AN-
GLE
If = 50 mA
—
—
—
—
24 typ
degrees
PHOTO TRANSISTOR
ON STATE
COLLECTOR
CURRENT
Vce = 5V
Ee =
20mW/cm
(3)
—
—
—
4.0min
8.0max
—
mA
COLLECTOR
DARK CUR-
RENT
Vce – 10V
Ec = 0
100max
100max
100max
100max
—
nA
V(BR) CEO
Ic =
100uA
25min
25min
25min
25min
—
Volts
V(BR) ECO
Ie =
100uA
5min
5min
5min
5min
—
Volts
Vce (SAT)
I = 0.4mA
Ee=
20mW/cm
0.4max
0.4max
0.4max
O.4max
—
Volts
Tr/Tf
Vce=5V
Ic=0.8mA
RL=1Koh
m
15typ
15typ
15typ
15typ
—
μS
COUPLED PAIR
Vce (SAT)
If = 35mA
Ic =
200uA
—
0.75 max
—
—
—
Volts
Vec (SAT)
If = 35mA
Ic = 2mA
—
—
0.75max
—
—
Volts
I c Min
Vce = 5V
If=35mA
0.1
0.7
2.0
—
—
mA
SDA 20 SERIES
6.2.00 ISS A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com