Electronic Components Datasheet Search
  English  ▼

X  

SSA256 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SSA256
Description  45 degree mount 6 x 3mm LED ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA256 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SSA256 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA256 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART No. -
SSA256
Indicate colour by using LEFT TO RIGHT
R = Red
Y = Yellow
G = Green
O = Orange
B = Blank
Custom Part No.’s for Mixed Colours.
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
SSA 256
ABSOLUTE MAXIMUM RATINGS (TA = 25
OC)
Parameter
Red
Green
Yellow
Orange
Forward Current
15mA
30mA
20mA
30mA
Power Dissipation
40mW
100mW
60mW
100mW
Reverse Current @ 5V
10mA
10mA
10mA
10mA
Operating Temperature
-40
°C to +85°C
Storage Temperature
-40
°C to 100°C
Lead Soldering Temperature
for 5sec (2.0mm from Body)
260
°C
COLOUR
Lumenous
Intensity
If = 10mA
mcd
Peak Wave-
length
nm
Viewing
Angle
Degrees
Forward Voltage
If = 20mA
volts
RED
min
typ
2.0
4.2
-
697
-
50
1.7
-
YELLOW
min
typ
7.5
12
-
585
-
50
1.7
-
GREEN
min
typ
ma
9.0
15
-
-
565
-
-
50
-
1.7
-
2.8
ORANGE
min
typ
7.5
12
-
635
-
50
1.7
-
OPTO ELECTRONIC DATA (Ta = 25
oC)
ISS B 10.3.06
Pb
This
component
is RoHS
compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com