Electronic Components Datasheet Search
  English  ▼

X  

SSA256 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SSA256
Description  45 degree mount 6 x 3mm LED ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA256 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA256 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA256 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.2
5.25
45°
1.1
0.5
0.5
2.80
0.5
44.5
2.25
8
8
8
8
8
2.25
2.54
0.65
0.65
A
VIEW ON 'A'
SSA 256 SERIES
45 degree mount
6 x 3mm LED ARRAY
The SSA 256 series is a family of
display devices using a Black Nylon 6
UL-94VO rated housing to mount six
3mm LEDs, mounted at 45 deg to a
PCB. In any one batch the LEDs are
lumenous intensity and matched.
•
Accurate alignment of LEDs.
•
8mm Pitch
•
45Deg Viewing Angle
•
Low current and high brightness
available
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE,ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS B 10.3.06
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA256

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SSA2512 LITTELFUSE-SSA2512 Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
SSA2512L0M20FPR LITTELFUSE-SSA2512L0M20FPR Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
SSA2512L0M20JPR LITTELFUSE-SSA2512L0M20JPR Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
SSA2512L0M25FPR LITTELFUSE-SSA2512L0M25FPR Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
SSA2512L0M25JPR LITTELFUSE-SSA2512L0M25JPR Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
More results

Similar Description - SSA256

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
3mm LED Linear Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
3mm LED Linear Array
logo
LUMEX INC.
SML-LX1106SIC-TR LUMEX-SML-LX1106SIC-TR Datasheet
84Kb / 1P
3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106SOC-TR LUMEX-SML-LX1106SOC-TR Datasheet
85Kb / 1P
3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106SUGC-TR LUMEX-SML-LX1106SUGC-TR Datasheet
85Kb / 1P
3mm x 1.5mm SURFACE MOUNT LED
SML-LX1106SYC-TR LUMEX-SML-LX1106SYC-TR Datasheet
84Kb / 1P
3mm x 1.25mm SURFACE MOUNT LED
SML-LX1106UPGC-TR LUMEX-SML-LX1106UPGC-TR Datasheet
87Kb / 1P
3mm x 1.5mm SURFACE MOUNT LED
logo
Bedford Opto Technology...
BLA45 BOT-BLA45_12 Datasheet
49Kb / 2P
1Way 3mm LED 45 Degree Standoff
logo
LUMEX INC.
SML-LX2530IGC-TR LUMEX-SML-LX2530IGC-TR Datasheet
66Kb / 1P
2.5MM X 3MM SURFACE MOUNT LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com