Electronic Components Datasheet Search
  English  ▼

X  

SSA274 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SSA274
Description  SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA274 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SSA274 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA274 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE,ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
Absolute Maximum Ratings (TA = 25OC)
SSA274
Electro-Optical Data (TA = 25OC) 20mA
ISS B 1.3.01
PARAMETER
Bi-Colour
Continuous Forward Current
30mA
Peak Forward Current
150mA
Power Dissipation
100mW
Reverse Voltage
5V
Reverse Current [Vr=5V]
100
μA
Operating Temperature range
-40
OC to +80OC
Storage Temperature
-40
OC to +100OC
Lead Soldering Temperature
(1/16” from body)
260
OC for 5secs
Peak
Wavelength
nm typ
Lumenous
Intensity
mcd typ
Vf
Volts max
Viewing
Angle
deg typ
635
35.0
2.6
40
568
45.0
2.6
40
RED
GREEN
Pb
This
component
is RoHS
compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com