Electronic Components Datasheet Search
  English  ▼

X  

SSA274 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SSA274
Description  SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA274 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA274 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA274 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.77
7.62
3.1
12.7
7.52
3.81
3.76
2.54
2.54
0.76
POLARITY
DIMPLE
4.8
GREEN An.
RED An.
5.46
SSA 274 SINGLE TIER 5mm
3 LEADED TRI-COLOUR
CIRCUIT BOARD
INDICATOR
A protruding LED for through panel
mounting.The 3 leaded 5mm package
allows direct drive to each of the Red &
Green chips to produce Red, Green or a
mix of both.
BOT’s
unique
baseplate
technique
construction
guarantees
high
tolerance
positioning on the PCB.
•
Rigid lead position using baseplate.
•
Tricolour.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISSB 1.3.01
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA274

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA273 BOT-SSA273 Datasheet
31Kb / 2P
SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR,SHROUDED
More results

Similar Description - SSA274

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19591X54 CML-19591X54 Datasheet
424Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
logo
Bedford Opto Technology...
SSA217 BOT-SSA217 Datasheet
32Kb / 2P
TWO TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
SSA218 BOT-SSA218 Datasheet
32Kb / 2P
TWO TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR
SSA273 BOT-SSA273 Datasheet
31Kb / 2P
SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR,SHROUDED
logo
LUMEX INC.
SSF-LXH2579IGW LUMEX-SSF-LXH2579IGW Datasheet
61Kb / 1P
2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
SSF-LXH2579SISUGW LUMEX-SSF-LXH2579SISUGW Datasheet
62Kb / 1P
2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
SSI-LXR5010AGWCA15 LUMEX-SSI-LXR5010AGWCA15 Datasheet
93Kb / 1P
T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010AGWCA18 LUMEX-SSI-LXR5010AGWCA18 Datasheet
66Kb / 1P
T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010HGW3-15 LUMEX-SSI-LXR5010HGW3-15 Datasheet
65Kb / 1P
T-5mm TRI-LEADED LED INDICATOR
SSI-LXR5010IY34285 LUMEX-SSI-LXR5010IY34285 Datasheet
67Kb / 1P
T-5mm TRI-LEADED LED INDICATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com