Electronic Components Datasheet Search
  English  ▼

X  

SSA360 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SSA360
Description  3mm LED Linear Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA360 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SSA360 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA360 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATING per LED
ELECTRICAL CHARACTERISTICS
(Tamb=25°C)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
PARAMETER
All colous
Units
Reverse Voltage
6
V
Forward Current
30
mA
Surage Current (t>10us)
1
A
Storage Temperature Range
-55 to +100
°C
Junction Temperature (Tj)
100
°C
Total Power Dissipation @ 25
°C
100
mW
Thremal Resistance Juction to Air
400
K/W
Blue
5
20
0.1
-40 to +100
100
100
400
Parameter
Unit
Colour
Orange
HERed
Yellow
Green
Peak Wavelength
λ p
nm
605
635
585
565
Forward Voltage Vf (If = 20mA)
Volts Max
3
3
3
3
Reverse Current Ir (Vr = 6Volts)
μA Max
10
10
10
10
Lumenous Intensity (If = 10mA)
Mcd min
1.6
6.3
6.3
6.3
Blue
428
4.5
5
6.3
Ordering Information
To specify your requirement, please state:
1
6 way SSA360/6,10 way SSA350/10
2
The combination of LEDs in order.
SSA-360/10 A throught to J
where X = O = All Orange, H = All HERed , Y = All Yellow, G = All Green
For mixed colours specify from left to right . E.g. SSA-350/10 HHGYYGRRBB
1st Element to 10th Element
Custom part numbers will be issued for these combinations.
SSA360/6
SSA360/10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com