Electronic Components Datasheet Search
  English  ▼

X  

SSA360 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SSA360
Description  3mm LED Linear Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA360 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA360 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA360 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.00
0.5 SQ FIT TO
TLH4405 LEDS
2.54
1mm BEVEL
TO INDICATE
POLARITY
5 PITCHES 5.08 NAT
29.48
11.80
14.90
4.50
TOP OF LEDS
3.5
LONG LEAD(ANODE) THIS SIDE
VIEW FROM TOP
F
A
SSA360/6
SSA360/10
3mm LED Linear
Array
SSA 360 is a precision moulded plastic
mounting block for T1 size Light Emitting
Diodes. LEDs are on a 5.05mm
pitch.
Material is black nylon 6 to flammability
specification UL-94VO.
FEATURES
♦
Six & Ten channel block,end stackable for
longer arrays.
♦
+/- 30 deg viewing angle.
♦
Will accept T1 infra red emitters or sensors.
♦
Small PCB footprint.
♦
Leads on 0.1 inch pitch double row.
♦
Less than ten positions available to special
order.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD,
1,BIGGAR BUSINESS PARK ,BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
VIEW FROM TOP
1mm BEVEL
TO INDICATE
POLARITY
14.90
11.80
6.00
TOP OF LEDS
49.80
9 PITCHES 5.08 NAT
2.54
LONG LEAD (ANODE) THIS SIDE
3.5
A
J
SSA360/6
SSA360/10
Pb
These
components
are RoHS
compliant


Similar Part No. - SSA360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSA36 FAIRCHILD-SSA36 Datasheet
159Kb / 5P
Surface Mount Schottky Barrier Rectifier
logo
ON Semiconductor
SSA36 ONSEMI-SSA36 Datasheet
154Kb / 4P
Surface Mount Schottky Barrier Rectifier
August, 2023 - Rev. 3
More results

Similar Description - SSA360

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
Linear Array Module
logo
List of Unclassifed Man...
MLX90255BA ETC-MLX90255BA Datasheet
544Kb / 10P
Linear Optical Array
logo
Bedford Opto Technology...
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
4 Way 3mm LED Array 90 deg Mount
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
SSA256 BOT-SSA256 Datasheet
37Kb / 2P
45 degree mount 6 x 3mm LED ARRAY
SSA350 BOT-SSA350 Datasheet
41Kb / 2P
3mm LED Linear Array
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
3mm LED Linear Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
3mm LED Linear Array
BLA81 BOT-BLA81_12 Datasheet
53Kb / 2P
3mm LED Linear Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com