Electronic Components Datasheet Search
  English  ▼

X  

NLP150L Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP150L
Description  110-150 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP150L Datasheet(HTML) 1 Page - Emerson Network Power

  NLP150L Datasheet HTML 1Page - Emerson Network Power NLP150L Datasheet HTML 2Page - Emerson Network Power NLP150L Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
110-150 W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP150L Series
Single and triple outputs
90 Vac to 264 Vac universal input range
Provides low voltage outputs of 3.3 V
EN61000-3-2 compliant
Overvoltage and short circuit protection
Power fail detection
Current sharing (on VA and VB)
3.8 x 6.8 x 1.26 inches
UL, CSA and VDE safety approvals and CE-marked to LVD
Compliance to EN55022-B conducted noise standard
Compliance to EN55022-A radiated noise standard
Meets all applicable and relevant immunity standards
EN61000-4-2, -3, -4, -5 and -6
Available RoHS compliant
The NLP150L series of 150 Watt ac-dc open-frame power supplies are available with
single, triple or quad outputs. The single and triple output versions described in this
datasheet are housed in a 3.8 x 6.8 x 1.26 inch package. All NLP150L series power
supplies are harmonic current corrected to meet the EN61000-3-2 standard, and support
current sharing. The power supplies are designed for use in 1U shelves or boxes, and are
primarily intended for networking applications that have a heavy logic content, such as
access concentrators, midrange routers, LAN switches and shared media hubs.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS (continued) (10)
Surge
EN61000-4-5
Level 3
Fast transients
EN61000-4-4
Level 3
Radiated immunity
EN61000-4-3
Level 3
Conducted immunity
EN61000-4-6
Level 3
GENERAL SPECIFICATIONS
Hold-up time
120 Vac @ 60 Hz
20 ms @ 150 W
Efficiency (See Note 13)
120 Vac @ 150 W
73% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Approvals and
EN60950, VDE0805, IEC950
standards pending
UL1950, CSA C22.2 No. 950
Weight
540 g (19 oz)
MTBF (@ 25 °C)
MIL-HDBK-217F
350,000 hours min.
Bellcore
800,000 hours min.
ENVIRONMENTAL SPECIFICATIONS (8)
Thermal performance
Operating ambient,
0 °C to +50 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
50 °C to 70 °C ambient,
Derate to
convection cooled
50% load
0 °C to 50 °C ambient,
110 W
convection cooled
0 °C to 50 °C ambient,
150 W
300 LFM forced air
Peak (0 °C to +50 °C)
(See Note 3)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5-500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Turn-on delay
@ 120 Vac Input
2.0 s, max.
Transient response
Main output
5.0% or 250 mV
75% to 100%
max. dev., 1 ms max.
step at 0.1 A/µs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Singles and multiple
See table
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
(See Note 12)
Input frequency range
47-63 Hz
Input surge current
264 Vac (cold start)
40 A max.
Safety ground
264 Vac, 60 Hz
0.99 mA
leakage current
Input current
120 Vac @ 150 W
1.95 A rms
230 Vac @ 150 W
1.10 A rms
Input fuse
UL/IEC127
F3.15A H, 250 Vac
EMC CHARACTERISTICS (10)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
Harmonic current
EN61000-3-2
Compliant
emission correction
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
SPECIFICATIONS
File Name: nlp150lst.pdf Rev (03): 08 Nov 2005
Patent No. 5600546 and 5652700


Similar Part No. - NLP150L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S3 ARTESYN-NLP150L-96S3 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S5 ARTESYN-NLP150L-96S5 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S6 ARTESYN-NLP150L-96S6 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results

Similar Description - NLP150L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
70 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com