Electronic Components Datasheet Search
  English  ▼

X  

NLP150L Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP150L
Description  110-150 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP150L Datasheet(HTML) 3 Page - Emerson Network Power

  NLP150L Datasheet HTML 1Page - Emerson Network Power NLP150L Datasheet HTML 2Page - Emerson Network Power NLP150L Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JCS PIN CONNECTIONS
Pin 1
Load A Current Sharing
Pin 2
Load B Current Sharing
CONNECTOR AND MATING CONNECTOR TYPES
CONNECTOR
TYPE
MATING CONNECTOR TYPE
J1
Molex 26-60-4030 or equivalent
Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp
terminals
J2
Male 0.250 quick disconnect
Molex AA-5261, AA22-01 or equivalent
J3
Molex 26-60-4040 or equivalent
Molex 09-50-3021 or equivalent with Molex 2478 phosphor bronze
or equivalent crimp terminals
J5
Beau Interconnect 70505-C-50 or
N/A
equivalent
J6
Molex 22-23-3021 or equivalent
Molex 22-01-2021 and contact 08-50-0113 terminals or equivalent
JRM3, JRM5
Leoco 2421P02H000 or equivalent
Leoco 2420S02000 and contact 2453TPB00V1
& JCS
6.800 (172.72)
J2
J1
J3
1
2
1
2
1
2
1
1
5
2
1
2
J5
JCS
JRM3
JRM5
J6
F1
T1 (REF.)
1
3
0.175 (4.45)
3.800 (96.52)
3.450 (87.63)
0.175 (4.45)
ALL DIMENSIONS IN INCHES (MM)
MAXIMUM COMPONENT HEIGHT 1.26 (32.00)
6.450 (163.83)
3.925 (99.70)
Ø
0.156 (Ø3.96)
(5 PLS)
Recommended direction
for forced air relative to
power supply orientation
shown below.
1
Best.
2
Good.
3
Not recommended.
4
Not recommended.
1
3
4
2
J5 PIN CONNECTIONS
Pin 1
VA Positive
Pin 2
VA Positive
Pin 3
Main RTN
Pin 4
Main RTN
Pin 5
VB Positive
J1 PIN CONNECTIONS
Pin 1
Neutral
Pin 2
Void
Pin 3
Line
JRM3 PIN CONNECTIONS
Pin 1
VB Sense +
Pin 2
VB Sense -
JRM5 PIN CONNECTIONS
Pin 1
VA Sense +
Pin 2
VA Sense -
J6 PIN CONNECTIONS
Pin 1
Signal
Pin 2
RTN
Note:
VD is a floating output.
It can be configured as positibe or negative
J3 PIN CONNECTIONS
Pin 1
VD Positive
Pin 2
VD RTN
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP150L Series
Single and triple outputs
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
110-150 W AC/DC Universal Input Switch Mode Power Supplies
3
Please consult our website for the following items: Application Note
www.artesyn.com
File Name: nlp150lst.pdf Rev (03): 08 Nov 2005
Mechanical Notes
A
All dimensions are in inches (mm).



Html Pages

1 2 3