Electronic Components Datasheet Search
  English  ▼

X  

AC03 Datasheet(PDF) 1 Page - celduc-relais

Part # AC03
Description  REED SWITCH NORMALY OPEN, DRY CONTACT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

AC03 Datasheet(HTML) 1 Page - celduc-relais

  AC03 Datasheet HTML 1Page - celduc-relais AC03 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/AC03-001/D/02/07/2007
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
C
C A
A R
R A
A C
C T
T E
E R
R IIS
S T
T IIQ
Q U
U E
E S
S E
E L
L E
E C
C T
T R
R IIQ
Q U
U E
E S
S // E
E L
L E
E C
C T
T R
R IIC
C A
A L
L
D
D A
A T
T A
A S
S
Puissance maxi commutable / Max. switching power
10 W / 12 VA
Tension maxi commutable / Max. switching voltage
100 Vdc
Courant maxi commutable / Max. switching current
0,5 A
Courant de travail / Carrying current
0,7 A
Tension typique de tenue / Typical dielectric strength
150 Vdc
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 100 mΩ
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
109
Ω
Capacité / Capacitance
0,5 pF
Fréquence maxi d'utilisation / Max. operating frequency
400 Hz
Fréquence de résonnance / Resonant frequency
7000 Hz
Bobine / Coil : voir caractéristiques magnétiques
see magnetical datas
Mesure en 4 points / 4 points measurement
I = 100 mA ; U = 12 V et / and I = 10 mA ; U = 50 mV
Alimentation de bobine /Coil voltage: ATF + 50%
mesure de tension
voltage measurement
30 mm
INTERRUPTEUR REED
REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
AC03 . . . .
Ø 1,8 max
Ø 0,46
10 max
41,8
r
e
l
a
i
s


Similar Part No. - AC03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC03 PHILIPS-AC03 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
List of Unclassifed Man...
AC03 ETC1-AC03 Datasheet
398Kb / 24P
Cemented wirewound resitors
logo
Vishay Siliconix
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
AC03 VISHAY-AC03 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
logo
YAGEO Corporation
AC03 YAGEO-AC03 Datasheet
118Kb / 22P
Cemented wirewound resistors
1998 Nov 18
More results

Similar Description - AC03

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
REED SWITCH NORMALY OPEN, DRY CONTACT
AJ21 CELDUC-AJ21 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com