Electronic Components Datasheet Search
  English  ▼

X  

LQS Datasheet(PDF) 1 Page - Emerson Network Power

Part # LQS
Description  Quarter-Brick Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS Datasheet(HTML) 1 Page - Emerson Network Power

  LQS Datasheet HTML 1Page - Emerson Network Power LQS Datasheet HTML 2Page - Emerson Network Power LQS Datasheet HTML 3Page - Emerson Network Power LQS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
1
2 YEAR WARRANTY
NEW Product
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated
SPECIFICATIONS
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
Quarter-Brick Series
Single output
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E135734/60950
VDE Certificate No. 10401-3336-0197
EMC CHARACTERISTICS
Immunity:
ESD air enclosure
EN61000-4-2 8 kV/6 kV(O/P within spec.)
Radiated field enclosure
EN61000-4-3 10 V/m (O/P within spec.)
Conducted
EN61000-4-6 10 V
(O/P within spec.)
Input transients
100 V, 100 ms
GENERAL SPECIFICATIONS
Basic insulation
Input/output
2250 Vdc
Switching frequency
Fixed
480 kHz
Approvals and
(See Note 3)
EN60950-1 VDE
standards
UL/cUL 60950
Material flammability
UL94V-0
Weight
37 g (1.30 oz)
MTBF
Telcordia Tech SR-332 3,866,933 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 °C to +85 °C
temperature
Non-operating
-55 °C to +125 °C
PROTECTION
Short-circuit
Continuous
Overvoltage
Non-latching
Thermal
125 ºC hot spot temperature
with automatic recovery
Patent No. 6,765,810
Other Patents Pending
OUTPUT SPECIFICATIONS
Voltage adjustability
80% to 110%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Transient response
70 mV,
(See Note 1)
typ. deviation
20 µs recovery
INPUT SPECIFICATIONS
Input voltage range
24 V nominal
18-36 Vdc
48 V nominal
36-75 Vdc
Input current
No load
85 mA to 150 mA
Remote OFF
5 mA
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2.4 Vdc
OFF
<0.4 Vdc
Undervoltage lockout
Power up
35.5 V (typ.)
Power down
33.5 V (typ.)
Start-up time
Power up
10 ms (typ.)
(See Note 2)
Remote ON/OFF
10 ms (typ.)
• Ultra high efficiency topology
• Unprecedented useable output power levels
• High power density (200 W/in3) open-frame technology
• Wide ambient temperature range, -40 ºC to +85 ºC
• 80% to 110% output trim
• Monotonic start-up in normal and prebiased loads
• Basic insulation system
• Overvoltage and overtemperature protection
• Secondary side control, no optocouplers,
fast transient response
• 100 V, 100 ms input transient rated
• Available RoHS compliant
This is a new high efficiency, open-frame, low profile, single board, isolated dc-dc converter
series in an industry standard quarter-brick package that provides up to 200 W of output power.
The series delivers very high output current at low voltages, and excellent useable power for
today’s high performance applications. The series features two input voltage ranges of 18 Vdc
to 36 Vdc and 36 Vdc to 75 Vdc and is available with output voltages of 1.2 V, 1.5 V, 1.8 V,
2.5 V, 3.3 V and 5 V. The output voltage is adjustable from 80% to 110% of the nominal value.
The series also has a remote ON/OFF capability. Overcurrent, overvoltage and overtemperature
protection features are included as standard. Full international safety approval including
EN60950-1 VDE and UL/cUL60950, reduces compliance costs and time to market.


Similar Part No. - LQS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LQS NICHICON-LQS Datasheet
586Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Emerson Network Power
LQS100A48-1V2J EMERSON-NETWORKPOWER-LQS100A48-1V2J Datasheet
145Kb / 4P
High Current, High Efficiency, Low Profile
logo
Artesyn Technologies
LQS100A48-1V2J ARTESYN-LQS100A48-1V2J Datasheet
517Kb / 5P
Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
LQS100A48-1V5J EMERSON-NETWORKPOWER-LQS100A48-1V5J Datasheet
145Kb / 4P
High Current, High Efficiency, Low Profile
logo
Artesyn Technologies
LQS100A48-1V5J ARTESYN-LQS100A48-1V5J Datasheet
517Kb / 5P
Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
Emerson Network Power
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
Dual output Quarter Brick
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
Quarter-Brick Series
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
Quarter-Brick Series
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
Quarter-brick DC Bus Converter
logo
DATEL, Inc.
QBR_17 DATEL-QBR_17_10 Datasheet
1Mb / 21P
Railway Quarter-Brick QBR Series
logo
Bel Fuse Inc.
SQE48T10120 BEL-SQE48T10120 Datasheet
1Mb / 13P
Industry-standard quarter-brick pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com