Electronic Components Datasheet Search
  English  ▼

X  

LQS Datasheet(PDF) 3 Page - Emerson Network Power

Part # LQS
Description  Quarter-Brick Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS Datasheet(HTML) 3 Page - Emerson Network Power

  LQS Datasheet HTML 1Page - Emerson Network Power LQS Datasheet HTML 2Page - Emerson Network Power LQS Datasheet HTML 3Page - Emerson Network Power LQS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
3
NEW Product
Quarter-Brick Series
Single output
0.188 (4.78)
HEIGHT
(See Option Table)
CLEARANCE
(See Option Table)
RECOMMENDED HOLE PATTERN
2.30 (58.4)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
ø0.040
±0.002 (ø1.02 ±0.05)
(6 pls)
2.000 (50.80)
TOP VIEW
1
2
3
8
7
6
5
4
ø 0.062
±0.002
(
ø1.57
±0.05)
(2 pls)
0.15
(3.8)
0.300
(7.62)
ø 0.054
±0.003
(
ø1.37
±0.08)
(6 pls)
2.30 (58.4)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
2.000 (50.80)
1
2
3
8
7
6
5
4
ø 0.074
±0.003
(
ø1.88
±0.08)
(2 pls)
0.15
(3.8)
0.300
(7.62)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
0.150
(3.81)
0.150
(3.81)
1.45
(36.8)
1.45
(36.8)
0.150
(3.81)
0.150
(3.81)
24 V/48 V Mechanical Drawing for Output Current of 50 A or Less
(See Note 7)
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
RECOMMENDED PCB LAYOUT
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
1.45
(36.8)
0.300
(7.62)
0.150
(3.81)
0.055 (1.40) x 0.105 (2.67)
(8 pls)
0.28 (7.1)
HEIGHT
0.015 (0.38)
Lead coplanarity within 0.006 (0.15) max.
0.057
±0.020
(1.45
±0.51)
0.150
(3.81)
TOP VIEW
3
2
1
4
5
8
6
7
2.186
(55.52)
2.30
(58.4)
(8 pls)
(50.80)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
1.45
(36.8)
0.300
(7.62)
0.150
(3.81)
8
1
2.000
0.15
(3.8)
2
3
5
4
6
7
TOP VIEW
2.186
(55.52)
0.057
±0.020
(1.45
±0.51)
2.30
(58.4)
0.150
(3.81)
0.067(1.70) x 0.118(3.00)
ø0.058
±0.008
(ø1.47
±0.02)
(6 PLS)
Ref IPC-2222
Level B
ø0.080
±0.008
(ø2.03
±0.02)
(2 pls)
Ref IPC-2222
Level B
CLEARANCE
24 V Surface-mount Mechanical Drawing and Pinout Table
PIN CONNECTIONS
PIN NUMBER
FUNCTION
PIN NUMBER
FUNCTION
1
+Vin
5
-Sense
2
ON/OFF
6
Trim
3
-Vin
7
+Sense
4
-Vout
8
+Vout
Pin Connection Table
Dimension Options Table
DIMENSION OPTIONS
OPTION
CLEARANCE
HEIGHT
±0.016 (0.41)
+0.022 (0.56)
-0.030 (0.76)
A
0.030 (0.76)
0.300 (7.62)
E
0.070 (1.78)
0.340 (8.64)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com