Electronic Components Datasheet Search
  English  ▼

X  

LTM8022MPV Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8022MPV
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022MPV Datasheet(HTML) 1 Page - Linear Technology

  LTM8022MPV Datasheet HTML 1Page - Linear Technology LTM8022MPV Datasheet HTML 2Page - Linear Technology LTM8022MPV Datasheet HTML 3Page - Linear Technology LTM8022MPV Datasheet HTML 4Page - Linear Technology LTM8022MPV Datasheet HTML 5Page - Linear Technology LTM8022MPV Datasheet HTML 6Page - Linear Technology LTM8022MPV Datasheet HTML 7Page - Linear Technology LTM8022MPV Datasheet HTML 8Page - Linear Technology LTM8022MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8022
1
8022fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1A, 36V DC/DC µModule
The LTM®8022 is a complete 1A, DC/DC step-down power
supply. Included in the package are the switching control-
ler, power switches, inductor, and all support components.
Operating over an input voltage range of 3.6V to 36V, the
LTM8022 supports an output voltage range of 0.8V to 10V,
and a switching frequency range of 200kHz to 2.4MHz,
each set by a single resistor. Only the bulk input and output
filter capacitors are needed to finish the design.
The low profile package (2.82mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation.
The LTM8022 is packaged in a thermally enhanced, compact
(11.25mm
× 9mm) and low profile (2.82mm) overmolded
Land Grid Array (LGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM8022 is RoHS compliant.
7VIN to 36VIN, 5V/1A μModule
TM Regulator
n Complete Step-Down Switch Mode Power Supply
n Wide Input Voltage Range: 3.6V to 36V
n 0.8V to 10V Output Voltage
n 1A Output Current
n Adjustable Switching Frequency: 200kHz to 2.4MHz
n Current Mode Control
n (e4) RoHS Compliant Package with Gold Pad Finish
n Programmable Soft-Start
n Tiny, Low Profile (11.25mm
× 9mm × 2.82mm)
Surface Mount LGA Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
Efficiency and Power Loss
LTM8022
8022 TA01a
SHARE
RT
VIN*
7V TO
36V
VOUT
5V
1A
2.2μF
4.7μF
93.1k
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION FOR START-UP DETAILS
29.4k
AUX
RUN/SS
VIN
GND
ADJ
SYNC
PG
BIAS
VOUT
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
LOAD CURRENT (A)
0.001
100
VIN = 12V
EFFICIENCY
POWER
LOSS
90
80
70
60
50
40
30
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
8022 TA01b
0.01
0.1
1


Similar Part No. - LTM8022MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8022 LINER-LTM8022 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8022 LINER-LTM8022 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
252Kb / 20P
36VIN, 600mA Step-Down 關Module Converter
LTM8022 LINER-LTM8022 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
More results

Similar Description - LTM8022MPV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
2A, 36V DC/DC 關Module
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
36V, 1A 關Module LED Driver
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
200mA, 36V DC/DC 關Module
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
200mA, 36V DC/DC Module Regulator
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
1A, 36V DC/DC Module
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
One 18V–36V DC, 1A power supply
Rev 2; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com