Electronic Components Datasheet Search
  English  ▼

X  

LTM8022MPV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8022MPV
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022MPV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8022MPV Datasheet HTML 8Page - Linear Technology LTM8022MPV Datasheet HTML 9Page - Linear Technology LTM8022MPV Datasheet HTML 10Page - Linear Technology LTM8022MPV Datasheet HTML 11Page - Linear Technology LTM8022MPV Datasheet HTML 12Page - Linear Technology LTM8022MPV Datasheet HTML 13Page - Linear Technology LTM8022MPV Datasheet HTML 14Page - Linear Technology LTM8022MPV Datasheet HTML 15Page - Linear Technology LTM8022MPV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8022
12
8022fb
PCB Layout
Most of the headaches associated with PCB layout
have been alleviated or even eliminated by the high
level of integration of the LTM8022. The LTM8022 is
nevertheless a switching power supply, and care must be
taken to minimize EMI and ensure proper operation. Even
with the high level of integration, you may fail to achieve
specified operation with a haphazard or poor layout. See
Figure 4 for a suggested layout.
Ensure that the grounding and heatsinking are acceptable.
A few rules to keep in mind are:
1. Place the RADJ and RT resistors as close to their respec-
tive pins as possible.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8022.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8022.
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath the
LTM8022.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8022.
6. Use vias to connect the GND copper area to the boards
internal ground plane. Liberally distribute these GND vias
to provide both a good ground connection and thermal
path to the internal planes of the printed circuit board.
APPLICATIONS INFORMATION
Figure 4. Layout Showing Suggested External
Components, GND Plane and Thermal Vias
CIN
RADJ
RT
COUT
BIAS
RUN/SS
PG
SYNC
LTM8022
AUX
SHARE
VIN PLANE
VOUT PLANE
GND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com