Electronic Components Datasheet Search
  English  ▼

X  

LTM8023V Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8023V
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023V Datasheet(HTML) 3 Page - Linear Technology

  LTM8023V Datasheet HTML 1Page - Linear Technology LTM8023V Datasheet HTML 2Page - Linear Technology LTM8023V Datasheet HTML 3Page - Linear Technology LTM8023V Datasheet HTML 4Page - Linear Technology LTM8023V Datasheet HTML 5Page - Linear Technology LTM8023V Datasheet HTML 6Page - Linear Technology LTM8023V Datasheet HTML 7Page - Linear Technology LTM8023V Datasheet HTML 8Page - Linear Technology LTM8023V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8023
3
8023fb
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBIAS = 3V, RT = 60.4k, COUT = 4.7μF unless
otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8023E is guaranteed to meet performance specifications
from 0°C to 85°C ambient. Specifications over the full –40°C to
85°C ambient operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM8023I is guaranteed to meet specifications over the full –40°C to 85°C
ambient operating temperature range. The LTM8023MP is guaranteed to
meet specifications over the full –55°C to 125°C temperature range. Note
that the maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
3.6
36
V
VOUT
Output DC Voltage
0A < IOUT ≤ 2A, RADJ Open, COUT = 51μF (Note 3)
0A < IOUT ≤ 2A, RADJ = 43.2k, COUT = 51μF (Note 3)
0.8
10
V
V
RADJ(MIN)
Minimum Allowable RADJ
(Note 4)
42.2
kΩ
IOUT
Continuous Output DC Current
4 ≤ VIN ≤ 36, COUT = 51μF
0
2
A
IQVIN
VIN Quiescent Current
VRUN/SS = 0.2V, RT = 174k
VBIAS = 3V, Not Switching, RT = 174k (E, I)
VBIAS = 3V, Not Switching, RT = 174k (MP)
VBIAS = 0V, Not Switching, RT = 174k
l
l
0.1
25
25
85
0.5
60
350
120
μA
μA
μA
μA
IQBIAS
BIAS Quiescent Current
VRUN/SS = 0.2V, RT = 174k
VBIAS = 3V, Not Switching, RT = 174k (E, I)
VBIAS = 3V, Not Switching, RT = 174k (MP)
VBIAS = 0V, Not Switching, RT = 174k
l
l
0.03
50
50
1
0.5
120
200
5
μA
μA
μA
μA
ΔVOUT/VOUT
Line Regulation
5 ≤ VIN ≤ 36, IOUT = 1A, VOUT = 3.3V, COUT = 51μF
0.1
%
ΔVOUT/VOUT
Load Regulation
VIN = 24V, 0 ≤ IOUT ≤ 2A, VOUT = 3.3V, COUT = 51μF
0.4
%
VOUT(AC_RMS) Output Ripple (RMS)
VIN = 24V, IOUT = 2A, VOUT = 3.3V, COUT = 51μF
10
mV
fSW
Switching Frequency
RT = 113k, COUT = 51μF
325
kHz
ISC(OUT)
Output Short Circuit Current
VIN = 36V, VOUT = 0V
2.9
A
VADJ
Voltage at ADJ Pin
COUT = 51μF
l
765
790
805
mV
VBIAS(MIN)
Minimum BIAS Voltage for Proper
Operation
2.3
2.8
V
IADJ
Current Out of ADJ Pin
ADJ = 1V, COUT = 51μF
2
μA
IRUN/SS
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
VIH(RUN/SS)
RUN/SS Input High Voltage
COUT = 51μF
2.5
V
VIL(RUN/SS)
RUN/SS Input Low Voltage
COUT = 51μF
0.2
V
VPG(TH)
PG Threshold
VOUT Rising
730
mV
IPGO
PG Leakage
VPG = 30V
0.1
1
μA
IPGSINK
PG Sink Current
VPG = 0.4V
200
800
μA
VSYNCIL
SYNC Input Low Threshold
fSYNC = 550kHz, COUT = 51μF
0.5
V
VSYNCIH
SYNC Input High Threshold
fSYNC = 550kHz, COUT = 51μF
0.7
V
ISYNCBIAS
SYNC Pin Bias Current
VSYNC = 0V
0.1
μA
Note 3: COUT = 51μF is composed of a 4.7μF ceramic capacitor in parallel
with a 47μF electrolytic.
Note 4: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com