Electronic Components Datasheet Search
  English  ▼

X  

LTM8023V Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8023V
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023V Datasheet(HTML) 5 Page - Linear Technology

  LTM8023V Datasheet HTML 1Page - Linear Technology LTM8023V Datasheet HTML 2Page - Linear Technology LTM8023V Datasheet HTML 3Page - Linear Technology LTM8023V Datasheet HTML 4Page - Linear Technology LTM8023V Datasheet HTML 5Page - Linear Technology LTM8023V Datasheet HTML 6Page - Linear Technology LTM8023V Datasheet HTML 7Page - Linear Technology LTM8023V Datasheet HTML 8Page - Linear Technology LTM8023V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8023
5
8023fb
INPUT VOLTAGE (V)
0
8023 G13
500
2500
2000
1500
1000
0
10203040
25°C
40°C
85°C
INPUT VOLTAGE (V)
2000
1600
1800
8023 G10
2400
2200
3200
3000
2800
2600
0
10203040
BIAS Current vs Load Current
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short-Circuit Current vs
Input Voltage
LOAD CURRENT (mA)
10
0
5
8023 G11
20
15
30
25
0
500
1000
1500
2000
3.3VOUT
5VOUT
8VOUT
TA = 25°C unless otherwise noted
Load Current vs Input Voltage
(5VOUT)
Load Current vs Input Voltage
(3.3VOUT)
Maximum Load Current vs Input
Voltage (8VOUT)
INPUT VOLTAGE (V)
0
8023 G14
500
2500
2000
1500
1000
0
10203040
25°C
40°C
85°C
INPUT VOLTAGE (V)
0
8023 G15
500
2500
2000
1500
1000
0
10203040
25°C
40°C
85°C
3.3VOUT Junction Temperature
vs Load
5VOUT Junction Temperature
vs Load
8VOUT Junction Temperature
vs Load
CURRENT (mA)
0
8023 G16
5
50
45
40
35
30
25
20
15
10
0
500
1000
1500
2000
2500
12VIN
24VIN
36VIN
CURRENT (mA)
0
8023 G17
60
50
40
30
20
10
0
500
1000
1500
2000
2500
12VIN
24VIN
36VIN
CURRENT (mA)
0
8023 G18
80
50
60
70
40
30
20
10
0
500
1000
1500
2000
2500
16VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com