Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLUG240
Description  Universal LED, 1.8 mm Tinted Diffused Miniplast Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLUG240 Datasheet HTML 1Page - Vishay Siliconix TLUG240 Datasheet HTML 2Page - Vishay Siliconix TLUG240 Datasheet HTML 3Page - Vishay Siliconix TLUG240 Datasheet HTML 4Page - Vishay Siliconix TLUG240 Datasheet HTML 5Page - Vishay Siliconix TLUG240 Datasheet HTML 6Page - Vishay Siliconix TLUG240 Datasheet HTML 7Page - Vishay Siliconix TLUG240 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLU.240.
Vishay Telefunken
1 (8)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83053
Universal LED,
ø 1.8 mm Tinted Diffused Miniplast Package
Color
Type
Technology
Angle of Half Intensity
±ö
Red
TLUR240.
GaAsP on GaAs
20
°
Orange red
TLUO240.
GaAsP on GaP
20
°
Yellow
TLUY240.
GaAsP on GaP
20
°
Green
TLUG240.
GaP on GaP
20
°
Features
D Four colors
D For DC and pulse operation
D Luminous intensity categorized
D End-to-end stackable in centre-to-centre
spacing of 0.1” (2.54 mm)
94 8639
Applications
General indicating and lighting purposes
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLUR240. ,TLUO240. ,TLUY240. ,TLUG240. ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
IF
50
mA
DC forward current
IF
30
mA
DC forward current
IF
30
mA
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 55°C
PV
100
mW
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 3 s, 2 mm from body
Tsd
260
°C
Soldering temperature
t
≤ 5 s, 4 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
450
K/W


Similar Part No. - TLUG240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUG240 VISHAY-TLUG240 Datasheet
385Kb / 9P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
15-Sep-2021
TLUG240. VISHAY-TLUG240. Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG240. VISHAY-TLUG240. Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG2400 VISHAY-TLUG2400 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG2400 VISHAY-TLUG2400 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
More results

Similar Description - TLUG240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
Universal LED in 5 mm Tinted Diffused Package
04-Feb-99
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
Universal LED in 3 mm Tinted Diffused Package
14-Jun-06
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
Universal LED in ∅ 5 mm Tinted Diffused Package
31-Aug-04
TLUY240 VISHAY-TLUY240_V01 Datasheet
385Kb / 9P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
15-Sep-2021
TLUR240 VISHAY-TLUR240_V01 Datasheet
762Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
Universal LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUG240 VISHAY-TLUG240_V02 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com