Electronic Components Datasheet Search
  English  ▼

X  

TLUG240 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLUG240
Description  Universal LED, 1.8 mm Tinted Diffused Miniplast Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLUG240 Datasheet HTML 1Page - Vishay Siliconix TLUG240 Datasheet HTML 2Page - Vishay Siliconix TLUG240 Datasheet HTML 3Page - Vishay Siliconix TLUG240 Datasheet HTML 4Page - Vishay Siliconix TLUG240 Datasheet HTML 5Page - Vishay Siliconix TLUG240 Datasheet HTML 6Page - Vishay Siliconix TLUG240 Datasheet HTML 7Page - Vishay Siliconix TLUG240 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLU.240.
Vishay Telefunken
4 (8)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83053
0
0
0.4
0.8
1.2
1.6
95 10074
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Red
IF=10mA
Figure 7 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10075
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Red
IFAV=10mA, const.
Figure 8 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10076
Red
Figure 9 Relative Luminous Intensity vs.
Forward Current
620
640
660
680
700
0
0.2
0.4
0.6
0.8
1.2
720
95 10077
l – Wavelength ( nm )
1.0
Red
Figure 10 Relative Luminous Intensity vs. Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10086
VF – Forward Voltage ( V )
tp/T=0.001
tp=10ms
Orange-Red
Figure 11 Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10087
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Orange-Red
IF=10mA
Figure 12 Rel. Luminous Intensity vs.
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com