Electronic Components Datasheet Search
  English  ▼

X  

AOD4100 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD4100
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4100 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD4100 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
16
19
43
52
RθJC
2
3
°C/W
PDSM
6.5
TA=70°C
4.2
-55 to 175
Junction and Storage Temperature Range
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
Repetitive avalanche energy L=0.3mH
C
Maximum Junction-to-Case
D
Steady-State
Power Dissipation
A
TA=25°C
Power Dissipation
B
TC=25°C
V
PD
Avalanche Current
C
TC=100°C
Pulsed Drain Current
C
Gate-Source Voltage
120
118
V
±30
Continuous Drain
Current
B
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
25
Absolute Maximum Ratings T A=25°C unless otherwise noted
Drain-Source Voltage
ID
25
°C
50
W
28
A
50
49
A
mJ
W
AOD4100
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 25V
ID = 50A (VGS = 10V)
RDS(ON) < 6.5mΩ (VGS = 20V)
RDS(ON) < 9mΩ (VGS = 12V)
RDS(ON) < 12mΩ (VGS = 10V)
100% UIS Tested!
100% Rg Tested!
General Description
The AOD4100 uses advanced trench technology to
provide excellent RDS(ON), shoot-through immunity
and body diode characteristics. This device is ideally
suited for use as a High side switch in CPU core
power conversion.
-RoHS Compliant
-Halogen Free*
G
D
S
G
TO-252
D-PAK
Top View
S
Bottom View
D
G
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOD410 ETC-AOD410 Datasheet
116Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOD410 AOSMD-AOD410 Datasheet
244Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AOD410 VBSEMI-AOD410 Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD410 ISC-AOD410 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD4102 AOSMD-AOD4102 Datasheet
151Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD4100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com