Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4264
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology LTC4264 Datasheet HTML 12Page - Linear Technology LTC4264 Datasheet HTML 13Page - Linear Technology LTC4264 Datasheet HTML 14Page - Linear Technology LTC4264 Datasheet HTML 15Page - Linear Technology LTC4264 Datasheet HTML 16Page - Linear Technology LTC4264 Datasheet HTML 17Page - Linear Technology LTC4264 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4264
14
4264f
The active high PWRGD pin features an internal, open-
collector output referenced to VOUT. During inrush, the
active high PWRGD pin pulls low until the load capacitor
is fully charged. At that point, PWRGD becomes high
impedance, indicating the converter may begin running.
The active high PWRGD pin can interface directly with the
“Run” pin of converter products. The PWRGD pin features
an internal 14V clamp to VOUT which protects the DC/DC
converter from excessive voltage. During a power supply
ramp down event, PWRGD becomes low impedance when
VIN drops below the UVLO turn-off threshold, then goes
high impedance when the VIN voltages fall to within the
detection voltage range.
The active low PWRGD pin connects to an internal, open
drain MOSFET referenced to VIN which can sink 1mA.
During inrush, PWRGD is high impedance. Once the load
capacitor is fully charged, PWRGD is pulled low and DC/DC
converter operation can begin. The active low PWRGD
pin can connect directly to the shutdown pin of converter
products. PWRGD is referenced to the VIN pin and when
active will be near the VIN potential. The converter will
typically be referenced to VOUT and care must be taken to
ensure that the difference in potential of the PWRGD pin
does not cause a problem for the DC/DC converter. The
use of diode clamp D9 and RS, as shown in Figure 11,
alleviates any problems.
THERMAL PROTECTION
The LTC4264 includes thermal overload protection in
order to provide full device functionality in a miniature
package while maintaining safe operating temperatures.
At turn-on, before load capacitor C1 has charged up, the
instantaneous power dissipated by the LTC4264 can be
as high as 20W. As the load capacitor charges, the power
dissipation in the LTC4264 will decrease until it reaches
a steady-state value dependent on the DC load current.
The LTC4264 can also experience device heating after
turn-on if the PD experiences a fast input voltage rise. For
example, if the PD input voltage steps from –37V to –57V,
the instantaneous power dissipated by the LTC4264 can
be as high as 16W.
The LTC4264 protects itself from damage by monitoring
die temperature. If the die exceeds the overtemperature
trip point, the power MOSFET and classification transis-
tors are disabled until the part cools down. Once the die
cools below the overtemperature trip point, all functions
are enabled automatically.
During classification, excessive heating of the LTC4264
can occur if the PSE violates the 75ms probing time limit.
In addition, the IEEE 802.3af specification requires a PD
to withstand application of any voltage from 0V to 57V
indefinitely. To protect the LTC4264 in these situations,
the thermal protection circuitry disables the classification
circuit if the die temperature exceeds the overtemperature
trip point. When the die cools down, classification current
is enabled.
Once the LTC4264 has charged up the load capacitor
and the PD is powered and running, there will be some
residual heating due to the DC load current of the PD
flowing through the internal MOSFET. In some high cur-
rent applications, the LTC4264 power dissipation may be
significant. The LTC4264 uses a thermally enhanced DFN12
package that includes an Exposed Pad which should be
soldered to an electrically isolated heat sink on the printed
circuit board.
MAXIMUM AMBIENT TEMPERATURE
The LTC4264 ILIM_EN pin allows the PD designer to disable
the normal operating current limit. With the normal cur-
rent limit disabled, it is possible to pass currents as high
as 1.4A through the LTC4264. In this mode, significant
package heating may occur. Depending on the current,
voltage, ambient temperature, and waveform character-
istics, the LTC4264 may shut down. To avoid nuisance
trips of the thermal shutdown, it may be necessary to
limit the maximum ambient temperature. Limiting the die
temperature to 125°C will keep the LTC4264 from hitting
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com