Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4264
Description  High Power PD Interface Controller with 750mA Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 4 Page - Linear Technology

  LTC4264 Datasheet HTML 1Page - Linear Technology LTC4264 Datasheet HTML 2Page - Linear Technology LTC4264 Datasheet HTML 3Page - Linear Technology LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4264
4
4264f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Input Voltage
25k Detection Range
Input Current vs Input Voltage
Input Current vs Input Voltage
Signature Resistance
vs Input Voltage
Class Operation vs Time
On Resistance vs Temperature
Active Low PWRGD
Output Low Voltage vs Current
Current Limit vs Input Voltage
Active High PWRGD
Output Low Voltage vs Current
INPUT VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
–2
–4
–6
–8
4264 G01
–10
TA = 25°C
INPUT VOLTAGE (V)
0
0
20
40
60
80
100
–10
– 20
–30
*OPTIONAL CLASS CURRENT
–40
4264 G02
–50
–60
TA = 25°C
CLASS 5*
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
INPUT VOLTAGE (V)
–12
9.0
9.5
10.5
11.0
11.5
–14
–16
4264 G03
10.0
–18
–20
–22
12.0
85
°C
–40
°C
CLASS 1 OPERATION
INPUT VOLTAGE (V)
–1
22
V1:
V2:
23
25
26
27
–3
–5
4264 G04
24
–7
–9
–6
–10
–2
–4
–8
28
RESISTANCE =
DIODES: HD01
TA = 25°C
=
∆V
∆I
V2 – V1
I2 – I1
IEEE UPPER LIMIT
IEEE LOWER LIMIT
LTC4264 + 2 DIODES
LTC4264 ONLY
INPUT
VOLTAGE
10V/DIV
CLASS
CURRENT
20mA/DIV
TIME (10
µs/DIV)
4264 G05
TA = 25°C
JUNCTION TEMPERATURE (
°C)
–50
0
0.2
0.4
0.6
0.8
1.0
–25
025
50
4264 G06
75
100
CURRENT (mA)
0
2
3
8
4264 G07
1
0
2
4
6
10
4
TA = 25°C
INPUT VOLTAGE (V)
–40
200
400
600
800
–40
°C
–40
°C
85
°C
85
°C
–45
–50
4264 G09
–55
–60
HIGH CURRENT MODE
LOW CURRENT MODE
IIN (mA)
0
0
0.4
1.0
0.5
1
4264 G08
0.2
0.8
0.6
1.5
2
TA = 25°C
GND – VOUT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com