Electronic Components Datasheet Search
  English  ▼

X  

LTC4305 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4305
Description  2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4305 Datasheet HTML 5Page - Linear Technology LTC4305 Datasheet HTML 6Page - Linear Technology LTC4305 Datasheet HTML 7Page - Linear Technology LTC4305 Datasheet HTML 8Page - Linear Technology LTC4305 Datasheet HTML 9Page - Linear Technology LTC4305 Datasheet HTML 10Page - Linear Technology LTC4305 Datasheet HTML 11Page - Linear Technology LTC4305 Datasheet HTML 12Page - Linear Technology LTC4305 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4305
9
4305f
Register 2 (02h)
BIT NAME
TYPE* DESCRIPTION
d7 Reserved
R
Not Used
d6 Reserved
R
Not Used
d5 Connection
R/W Sets logic requirements for
Requirement
downstream buses to be connected
to upstream bus
0 = Bus Logic State bits (see register
3) of buses to be connected must be
high for connection to occur (default)
1 = Connect regardless of
downstream logic state
d4 Reserved
R
Not Used
d3 Reserved
R
Not Used
d2 Mass Write Enable
R/W Enable Mass Write Address using
address (1011 110)b
0 = Disable Mass Write
1 = Enable Mass Write (default)
d1 Timeout Mode Bit 1
R/W Stuck Low Timeout Set Bit 1**
d0 Timeout Mode Bit 0
R/W Stuck Low Timeout Set Bit 0**
* For Type, “R/W” = Read Write, “R” = Read Only
**
TIMSET1
TIMSET0
TIMEOUT MODE
0
0
Timeout Disabled (Default)
0
1
Timeout After 30ms
1
0
Timeout After 15ms
1
1
Timeout After 7.5ms
Register 3 (03h)
BIT NAME
TYPE* DESCRIPTION
d7 Bus 1 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 1
0 = switch open (default)
1 = switch closed
d6 Bus 2 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 2
0 = switch open (default)
1 = switch closed
d5 Reserved
R
Not Used
d4 Reserved
R
Not Used
d3 Bus 1 Logic State
R
Indicates logic state of downstream
bus 1; only valid when disconnected
from upstream bus†
0 = SDA1, SCL1 or both are below 1V
1 = SDA1 and SCL1 are both above
1V
d2 Bus 2 Logic State
R
Indicates logic state of downstream
bus 2; only valid when disconnected
from upstream bus†
0 = SDA2, SCL2 or both are below 1V
1 = SDA2 and SCL2 are both above
1V
d1 Reserved
R
Not Used
d0 Reserved
R
Not Used
* For Type, “R/W” = Read Write, “R” = Read Only
† These bits are meant to give the logic state of disconnected downstream
buses to the master, so that the master can choose not to connect to a low
downstream bus. A given bit is a “don’t care” if its associated downstream
bus is already connected to the upstream bus.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com