Electronic Components Datasheet Search
  English  ▼

X  

LTC4305 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4305
Description  2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4305 Datasheet HTML 10Page - Linear Technology LTC4305 Datasheet HTML 11Page - Linear Technology LTC4305 Datasheet HTML 12Page - Linear Technology LTC4305 Datasheet HTML 13Page - Linear Technology LTC4305 Datasheet HTML 14Page - Linear Technology LTC4305 Datasheet HTML 15Page - Linear Technology LTC4305 Datasheet HTML 16Page - Linear Technology LTC4305 Datasheet HTML 17Page - Linear Technology LTC4305 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4305
4305f
14
Table 1. LTC4305 I2C Device Addressing
HEX DEVICE
LTC4305
DESCRIPTION
ADDRESS
BINARY DEVICE ADDRESS
ADDRESS PINS
h
a6
a5
a4
a3
a2
a1
a0
R/W
ADR2
ADR1
ADR0
Mass Write
BC
1
0
1
1
1
1
0
0
X
X
X
Alert Response
19
0
0
0
1
1
0
0
1
X
X
X
0
80
1
00
0
0
00
X
L
NC
L
1
82
1
00
0
0
01
X
L
H
NC
2
84
1
00
0
0
10
X
L
NC
NC
3
86
1
00
0
0
11
X
L
NC
H
4
88
1
00
0
1
00
X
L
L
L
5
8A
1
00
0
1
01
X
L
H
H
6
8C
1
00
0
1
10
X
L
L
NC
7
8E
1
00
0
1
11
X
L
L
H
8
90
1
00
1
0
00
X
NC
NC
L
9
92
1
00
1
0
01
X
NC
H
NC
10
94
1
0
0
1
0
1
0
X
NC
NC
NC
11
96
1
0
0
1
0
1
1
X
NC
NC
H
12
98
1
0
0
1
1
0
0
X
NC
L
L
13
9A
1
0
01
10
1
X
NC
H
H
14
9C
1
0
01
11
0
X
NC
L
NC
15
9E
1
0
0
1
1
1
1
X
NC
L
H
16
A0
1
0
10
00
0
X
H
NC
L
17
A2
1
0
10
00
1
X
H
H
NC
18
A4
1
0
10
01
0
X
H
NC
NC
19
A6
1
0
10
01
1
X
H
NC
H
20
A8
1
0
10
10
0
X
H
L
L
21
AA
1
0
10
10
1
X
H
H
H
22
AC
1
0
10
11
0
X
H
L
NC
23
AE
1
0
10
11
1
X
H
L
H
24
B0
1
0
11
00
0
X
H
H
L
25
B2
1
0
11
00
1
X
L
H
L
26
B4
1
0
11
01
0
X
NC
H
L
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com