Electronic Components Datasheet Search
  English  ▼

X  

LTC4307 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4307
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 1 Page - Linear Technology

  LTC4307 Datasheet HTML 1Page - Linear Technology LTC4307 Datasheet HTML 2Page - Linear Technology LTC4307 Datasheet HTML 3Page - Linear Technology LTC4307 Datasheet HTML 4Page - Linear Technology LTC4307 Datasheet HTML 5Page - Linear Technology LTC4307 Datasheet HTML 6Page - Linear Technology LTC4307 Datasheet HTML 7Page - Linear Technology LTC4307 Datasheet HTML 8Page - Linear Technology LTC4307 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4307
1
4307f
Low Offset Hot Swappable
2-Wire Bus Buffer with Stuck
Bus Recovery
The LTC®4307 hot swappable, 2-wire bus buffer allows
I/O card insertion into a live backplane without corrup-
tion of the data and clock busses. The LTC4307 provides
bidirectional buffering, keeping the backplane and card
capacitances isolated. Low offset and high VOL tolerance
allows multiple devices to be cascaded on the clock and
data busses. If SDAOUT or SCLOUT are low for 30ms, the
LTC4307 will automatically break the bus connection. At
this time the LTC4307 automatically generates up to 16
clock pulses on SCLOUT in an attempt to free the bus. A
connection will resume if the stuck bus is cleared.
During insertion, the SDA and SCL lines are pre-charged
to 1V to minimize bus disturbances. When driven high,
the ENABLE input allows the LTC4307 to connect after a
stop bit or bus idle. Driving ENABLE low breaks the con-
nection between SDAIN and SDAOUT, SCLIN and SCLOUT.
READY is an open-drain output which indicates that the
backplane and card sides are connected.
■ Live Board Insertion
■ Servers
■ Capacitance Buffer/Bus Extender
■ RAID Systems
■ ATCA
■ Bidirectional Buffer with Stuck Bus Recovery
■ 60mV Buffer Offset Independent of Load
■ 30ms Stuck Bus Timeout
■ Compatible with Non-Compliant VOL I2C Devices
■ Prevents SDA and SCL Corruption During Live
Board Insertion and Removal from Backplane
■ ±5kV Human Body Model ESD Protection
■ Isolates Input SDA and SCL Line from Output
■ Compatible with I2CTM, I2C Fast Mode and SMBus
■ READY Open-Drain Output
■ 1V Precharge on All SDA and SCL Lines
■ High Impedance SDA, SCL Pins for VCC = 0V
■ Small 8-Lead (3mm
× 3mm) DFN and 8-Lead MSOP
Packages
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
VCC
3.3V
ENABLE
10k
LTC4307
SCLIN
SDAIN
SCLOUT
SDAOUT
READY
GND
BACKPLANE
CONNECTOR
10k
2.7k
10k
10k
0.01
μF
CARD_SCL
CARD_SDA
10k
100k
3.3V
VCC
ENABLE
LTC4307
SCLIN
SDAIN
SCLOUT
SDAOUT
READY
GND
CARD
10k
4307 TA01a
3.3V
2.7k
MICRO-
CONTROLLER
CARD
CONNECTOR
0.01
μF
100ns/DIV
0
0
100
200
300
400
600
500
200
400
600
800
1000
4307 TA01b
SDAOUT
SDAIN
LOW
OFFSET
Rising Edge from Asserted Low
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7032051, 6356140, 6650174


Similar Part No. - LTC4307

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307 LINER-LTC4307 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4307 LINER-LTC4307 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307 LINER-LTC4307 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4307 LINER-LTC4307 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4307

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com