Electronic Components Datasheet Search
  English  ▼

X  

LTC4307 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4307
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4307 Datasheet HTML 8Page - Linear Technology LTC4307 Datasheet HTML 9Page - Linear Technology LTC4307 Datasheet HTML 10Page - Linear Technology LTC4307 Datasheet HTML 11Page - Linear Technology LTC4307 Datasheet HTML 12Page - Linear Technology LTC4307 Datasheet HTML 13Page - Linear Technology LTC4307 Datasheet HTML 14Page - Linear Technology LTC4307 Datasheet HTML 15Page - Linear Technology LTC4307 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4307
16
4307f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0507 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
Single-Ended 8-Channel/Differential 4-Channel Analog
MUX with SMBus Interface
Low RON: 35Ω Single Ended/70Ω Differential, Expandable to 32 Single
or 16 Differential Channels
LTC1427-50
Micropower, 10-Bit Current Output DAC with SMBus
Interface
Precision 50μA ±2.5% Tolerance Over Temperature, Four Selectable
SMBus Addresses, DAC Powers Up at Zero or Midscale
LTC1623
Dual High Side Switch Controller with SMBus Interface Eight Selectable Addresses/16-Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LSB Max, 5-Lead SOT-23 Package
LTC1694/LTC1694-1
SMBus Accelerator
Improved SMBus/I2C Rise Time, Ensures Data Integrity with Multiple
SMBus/I2C Devices
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT
TM Package 0.75Ω PMOS 180mA Regulator, 6-Bit DAC
LT1786F
SMBus Controlled CCFL Switching Regulator
1.25A, 200kHz Floating or Grounded Lamp Configurations
LTC1840
Dual I2C Fan Speed Controller
Two 100μA 8-Bit DACs, Two Tach Inputs, Four GPIO
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot Swappable 2-Wire Bus Buffers
LTC4300A-1: Bus Buffer with READY, ACC and ENABLE
LTC4300A-2: Dual Supply Bus Buffer with READY and ACC
LTC4300A-3: Dual Supply Bus Buffer with READY and ENABLE
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Supply Independent
LTC4301L
Hot Swappable 2-Wire Bus Buffer with Low Voltage
Level Translation
Allows Bus Pull-Up Voltages as Low as 1V on SDAIN and SCLIN
LTC4302-1/LTC4302-2 Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303/LTC4304
Hot Swappable 2-Wire Bus Buffers with Stuck Bus
Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305/LTC4306
2-/4-Channel, 2-Wire Bus Multiplexers with
Capacitance Buffering
2/4 Selectable Downstream Busses, Stuck Bus Disconnect, Rise Time
Accelerators, Fault Reporting, ±10kV HBM ESD Tolerance
ThinSOT is a trademark of Linear Technology Corporation
RELATED PARTS
The LTC4307 in a Repeater Application. The LTC4307’s Low Offset Allows Cascading of Multiple Devices
C3
0.01
mF
R10
2.7k
R9
10k
4307 F07
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
R5
2.7k
R1
2.7k
R4
2.7k
R2
2.7k
C1
0.01
mF
R3
10k
VCC
SDA1
SCL1
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
R11
2.7k
SDA2
SCL2
LTC4307
R8
2.7k
R7
2.7k
C2
0.01
mF
R6
10k
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
ENABLE
READY
ENABLE
READY
ENABLE
READY
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com