Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # IRF830
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

IRF830 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  IRF830 Datasheet HTML 1Page - Advanced Power Electronics Corp. IRF830 Datasheet HTML 2Page - Advanced Power Electronics Corp. IRF830 Datasheet HTML 3Page - Advanced Power Electronics Corp. IRF830 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
500
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=2.7A
-
-
1.5
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=2.7A
-
2.4
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=500V, VGS=0V
-
-
25
uA
Drain-Source Leakage Current (Tj=125
oC)
VDS=400V, VGS=0V
-
-
250
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge
3
ID=3.1A
-
28
45
nC
Qgs
Gate-Source Charge
VDS=400V
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
16
-
nC
td(on)
Turn-on Delay Time
3
VDD=250V
-
10
-
ns
tr
Rise Time
ID=3.1A
-
15
-
ns
td(off)
Turn-off Delay Time
RG=12Ω,VGS=10V
-
41
-
ns
tf
Fall Time
RD=80.6Ω
-20
-
ns
Ciss
Input Capacitance
VGS=0V
-
710
1140
pF
Coss
Output Capacitance
VDS=25V
-
170
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
60
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2
3.0
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
Tj=25℃, IS=4.5A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
3
IS=3.1A, VGS=0V,
-
370
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
3.9
-
uC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Starting Tj=25
oC , V
DD=50V , L=10mH , RG=25Ω
3.Pulse test
THIS PRODUCT HAS BEEN QUALIFIED FOR USE IN CONSUMER APPLICATIONS. APPLICATIONS OR USE IN LIFE SUPPORT
OR OTHER SIMILAR MISSION-CRITICAL DEVICES OR SYSTEMS ARE NOT AUTHORIZED.
2/4
THIS PRODUCT IS ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
IRF830



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com