Electronic Components Datasheet Search
  English  ▼

X  

LTC4442 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4442
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 1 Page - Linear Technology

  LTC4442 Datasheet HTML 1Page - Linear Technology LTC4442 Datasheet HTML 2Page - Linear Technology LTC4442 Datasheet HTML 3Page - Linear Technology LTC4442 Datasheet HTML 4Page - Linear Technology LTC4442 Datasheet HTML 5Page - Linear Technology LTC4442 Datasheet HTML 6Page - Linear Technology LTC4442 Datasheet HTML 7Page - Linear Technology LTC4442 Datasheet HTML 8Page - Linear Technology LTC4442 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4442/LTC4442-1
1
4442fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Speed Synchronous
N-Channel MOSFET Drivers
The LTC
®4442 is a high frequency gate driver designed
to drive two N-channel MOSFETs in a synchronous buck
DC/DC converter topology. The powerful driver capabil-
ity reduces switching losses in MOSFETs with high gate
capacitance.
The LTC4442 features a separate supply for the input
logic to match the signal swing of the controller IC. If the
input signal is not being driven, the LTC4442 activates a
shutdown mode that turns off both external MOSFETs.
The input logic signal is internally level-shifted to the
bootstrapped supply, which may function at up to 42V
above ground.
The LTC4442 contains undervoltage lockout circuits on
both the driver and logic supplies that turn off the external
MOSFETs when an undervoltage condition is present.
The LTC4442 and LTC4442-1 have different undervoltage
lockout thresholds to accommodate a wide variety of ap-
plications. An adaptive shoot-through protection feature is
also built-in to prevent power loss resulting from MOSFET
cross-conduction current.
The LTC4442/LTC4442-1 are available in the thermally
enhanced 8-lead MSOP package.
Synchronous Buck Converter Driver
■
Wide VCC Range: 6V to 9.5V
■
38V Maximum Input Supply Voltage
■
Adaptive Shoot-Through Protection
■
2.4A Peak Pull-Up Current
■
5A Peak Pull-Down Current
■
8ns TG Fall Time Driving 3000pF Load
■
12ns TG Rise Time Driving 3000pF Load
■
Separate Supply to Match PWM Controller
■
Drives Dual N-Channel MOSFETs
■
Undervoltage Lockout
■
Thermally Enhanced MSOP Package
■
Distributed Power Architectures
■
High Density Power Modules
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LTC4442 Driving 3000pF Capacitive Loads
TG
BOOST
VIN
32V
GND
TS
VLOGIC
VCC
LTC4442
BG
PWM
VCC
6V
IN
VOUT
4442 TA01a
INPUT (IN)
5V/DIV
BOTTOM
GATE (BG)
5V/DIV
TOP GATE
(TG-TS)
5V/DIV
10ns/DIV
4442 TA01b


Similar Part No. - LTC4442

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4442 LINER-LTC4442 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4442 LINER-LTC4442 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4442 LINER-LTC4442 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
984Kb / 28P
Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
More results

Similar Description - LTC4442

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4447 LINER-LTC4447 Datasheet
190Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4449 LINER-LTC4449_15 Datasheet
182Kb / 14P
High Speed Synchronous N-Channel MOSFET Driver
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
LM2725/LM2726 High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com