Electronic Components Datasheet Search
  English  ▼

X  

LTC4442 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4442
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 4 Page - Linear Technology

  LTC4442 Datasheet HTML 1Page - Linear Technology LTC4442 Datasheet HTML 2Page - Linear Technology LTC4442 Datasheet HTML 3Page - Linear Technology LTC4442 Datasheet HTML 4Page - Linear Technology LTC4442 Datasheet HTML 5Page - Linear Technology LTC4442 Datasheet HTML 6Page - Linear Technology LTC4442 Datasheet HTML 7Page - Linear Technology LTC4442 Datasheet HTML 8Page - Linear Technology LTC4442 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4442/LTC4442-1
4
4442fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Thresholds vs
VLOGIC Supply Voltage
Input Thresholds for VLOGIC = 3.3V
vs Temperature
BG or TG Input Threshold Hysteresis
vs VLOGIC Supply Voltage
Quiescent Supply Current vs
Supply Voltage
Quiescent Supply Current vs
Temperature
VLOGIC Undervoltage Lockout
Thresholds vs Temperature
VLOGIC SUPPLY (V )
34
0
2
5
5
7
8
4442 G01
1
4
3
6
9
10
VIH(TG)
VIL(TG)
VIL(BG)
VIH(BG)
TEMPERATURE (°C)
0
1.0
2.0
3.0
0.5
1.5
2.5
–10
20
50
80
4442 G02
110
–40
VIH(TG)
VLOGIC = 3.3V
VIL(TG)
VIL(BG)
VIH(BG)
Input Thresholds for VLOGIC ≥ 5V
vs Temperature
TEMPERATURE (°C)
3
4
5
4442 G03
2
1
0
–10
–40
110
20
50
80
VIH(TG)
VLOGIC ≥ 5V
VIL(TG)
VIL(BG)
VIH(BG)
VLOGIC SUPPLY (V)
34
0
0.2
0.5
5
7
8
4442 G04
0.1
0.4
0.3
6
9
10
BG or TG Input Threshold
Hysteresis vs Temperature
TEMPERATURE (°C)
0.25
0.30
0.35
4442 G05
0.15
0
–40
–10
20
50
80
110
0.40
0.20
0.10
0.05
VLOGIC = 5V
VLOGIC = 3.3V
SUPPLY VOLTAGE (V)
3
0
0.1
0.3
0.4
0.5
1.0
0.7
5
7
8
4442 G06
0.2
0.8
0.9
0.6
4
6
9
10
IN FLOATING
IVLOGIC
IBOOST
IVCC
TEMPERATURE (°C)
0.6
0.8
4442 G07
0.4
0.2
0.5
0.7
0.9
1.0
0.3
0.1
0
–10
–40
110
20
50
80
IN FLOATING
VLOGIC = 5V
VCC = BOOST-TS = 7V
IVLOGIC
IBOOST
IVCC
TEMPERATURE (°C)
2.8
2.9
3.0
4442 G08
2.7
2.6
2.5
–10
–40
110
20
50
80
RISING THRESHOLD
FALLING THRESHOLD
VCC Undervoltage Lockout
Thresholds vs Temperature
TEMPERATURE (°C)
5.0
6.0
7.0
4442 G09
4.0
3.0
4.5
5.5
6.5
3.5
2.5
2.0
–10
–40
110
20
50
80
LTC4442-1 RISING THRESHOLD
LTC4442 RISING THRESHOLD
LTC4442-1 FALLING THRESHOLD
LTC4442 FALLING THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com