Electronic Components Datasheet Search
  English  ▼

X  

LTC4446 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4446
Description  High Voltage High Side/Low Side N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446 Datasheet(HTML) 3 Page - Linear Technology

  LTC4446 Datasheet HTML 1Page - Linear Technology LTC4446 Datasheet HTML 2Page - Linear Technology LTC4446 Datasheet HTML 3Page - Linear Technology LTC4446 Datasheet HTML 4Page - Linear Technology LTC4446 Datasheet HTML 5Page - Linear Technology LTC4446 Datasheet HTML 6Page - Linear Technology LTC4446 Datasheet HTML 7Page - Linear Technology LTC4446 Datasheet HTML 8Page - Linear Technology LTC4446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4446
3
4446f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4446E is guaranteed to meet specifications from
0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, VTS = GND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Side Gate Driver Output (BG)
VOH(BG)
BG High Output Voltage
IBG = –10mA, VOH(BG) = VCC – VBG
0.7
V
VOL(BG)
BG Low Output Voltage
IBG = 100mA
l
55
110
mV
IPU(BG)
BG Peak Pull-Up Current
l
23
A
RDS(BG)
BG Pull-Down Resistance
l
0.55
1.1
Ω
Switching Time (BINP (TINP) is Tied to Ground While TINP (BINP) is Switching. Refer to Timing Diagram)
tPLH(TG)
TG Low-High (Turn-On) Propagation Delay
l
25
45
ns
tPHL(TG)
TG High-Low (Turn-Off) Propagation Delay
l
22
40
ns
tPLH(BG)
BG Low-High (Turn-On) Propagation Delay
l
19
35
ns
tPHL(BG)
BG High-Low (Turn-Off) Propagation Delay
l
14
30
ns
tDM(BGTG)
Delay Matching BG Turn-Off and TG Turn-On
l
–15
10
35
ns
tDM(TGBG)
Delay Matching TG Turn-Off and BG Turn-On
l
–25
–3
25
ns
tr(TG)
TG Output Rise Time
10% – 90%, CL = 1nF
10% – 90%, CL = 10nF
8
80
ns
ns
tf(TG)
TG Output Fall Time
10% – 90%, CL = 1nF
10% – 90%, CL = 10nF
5
50
ns
ns
tr(BG)
BG Output Rise Time
10% – 90%, CL = 1nF
10% – 90%, CL = 10nF
6
60
ns
ns
tf(BG)
BG Output Fall Time
10% – 90%, CL = 1nF
10% – 90%, CL = 10nF
3
30
ns
ns
with statistical process controls. The LTC4446I is guaranteed over the full
–40°C to 85°C operating temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W)
Note 4: Failure to solder the exposed back side of the MS8E package to the
PC board will result in a thermal resistance much higher than 40°C/W.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Quiescent Current
vs Voltage
BOOST-TS Supply Quiescent
Current vs Voltage
VCC Supply Current vs
Temperature
VCC SUPPLY VOLTAGE (V)
0
0
50
150
200
250
6 7 8 9 10 11 12 13
450
4446 G01
100
12345
14
300
350
400
TINP = BINP = 0V
TINP(BINP) = 12V
TA = 25°C
BOOST = 12V
TS = GND
BOOST SUPPLY VOLTAGE (V)
0
0
50
150
200
250
6 7 8 9 10111213
400
4446 G02
100
12345
14
300
350
TINP = BINP = 0V
TINP = 0V, BINP = 12V
TINP = 12V, BINP = 0V
TA = 25°C
VCC = 12V
TS = GND
TEMPERATURE (°C)
350
360
370
4446 G03
330
300
–40 –25 –10 5
20 35 50 65 80 95 110 125
380
340
320
310
TINP = BINP = 0V
VCC = BOOST = 12V
TS = GND
TINP(BINP) = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com