Electronic Components Datasheet Search
  English  ▼

X  

LTC4558 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4558
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4558 Datasheet(HTML) 2 Page - Linear Technology

  LTC4558 Datasheet HTML 1Page - Linear Technology LTC4558 Datasheet HTML 2Page - Linear Technology LTC4558 Datasheet HTML 3Page - Linear Technology LTC4558 Datasheet HTML 4Page - Linear Technology LTC4558 Datasheet HTML 5Page - Linear Technology LTC4558 Datasheet HTML 6Page - Linear Technology LTC4558 Datasheet HTML 7Page - Linear Technology LTC4558 Datasheet HTML 8Page - Linear Technology LTC4558 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4558
2
4558f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VBATT, DVCC, DATA, RSTIN, CLKIN, CLKRUNA,
CLKRUNB, ENABLEA, ENABLEB, CSEL, VSELA,
VSELB to GND ............................................. – 0.3V to 6V
I/OA, CLKA, RSTA ........................ – 0.3V to VCCA + 0.3V
I/OB, CLKB, RSTB ........................ – 0.3V to VCCB + 0.3V
ICCA,B (Note 4) .......................................................80mA
VCCA,B Short-Circuit Duration........................... Indefinite
Operating Temperature Range (Note 3) ...–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VBATT Operating Voltage
●
2.7
5.5
V
IVBATT Operating Current
VCCA = 3V, VCCB = 0V, ICCA = 0µA
VCCA = 1.8V, VCCB = 0V, ICCA = ICCB = 0µA
●
65
65
100
100
µA
µA
DVCC Operating Voltage
●
1.4
5.5
V
IDVCC Operating Current
●
610
µA
IDVCC Shutdown Current
●
0.1
1
µA
IVBATT Shutdown Current
DVCC = 0V
●
0.1
1
µA
SIM Card Supplies
VCCA,B Output Voltage
3V Mode, 0mA < ICCA,B < 50mA
1.8V Mode, 0mA < ICCA,B < 30mA
●
●
2.85
1.71
3.00
1.8
3.15
1.89
V
V
VCCA,B Turn-On Time
ICCA,B = 0mA, ENABLEA,B
to VCCA,B at 90% Selected Voltage
●
0.8
1.5
ms
Channel Switching Time
ENABLEA = ENABLEB = RSTIN = DVCC
CSEL
to RSTB
●
1µs
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
VCCB
DVCC
VBATT
VCCA
CLKA
CLKRUNB
CLKRUNA
CSEL
VSELA
ENABLEA
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
UD PART MARKING
LTC4558EUD
LCSH
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBATT = 3.3V, DVCC = 1.8V, CA = CB = 1µF, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com