Electronic Components Datasheet Search
  English  ▼

X  

LTC4558 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4558
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4558 Datasheet(HTML) 3 Page - Linear Technology

  LTC4558 Datasheet HTML 1Page - Linear Technology LTC4558 Datasheet HTML 2Page - Linear Technology LTC4558 Datasheet HTML 3Page - Linear Technology LTC4558 Datasheet HTML 4Page - Linear Technology LTC4558 Datasheet HTML 5Page - Linear Technology LTC4558 Datasheet HTML 6Page - Linear Technology LTC4558 Datasheet HTML 7Page - Linear Technology LTC4558 Datasheet HTML 8Page - Linear Technology LTC4558 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4558
3
4558f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This specification applies to both Smart Card classes.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLKA,B
Low Level Output Voltage (VOL)
Sink Current = – 200µA (Note 2)
●
0.2
V
High Level Output Voltage (VOH)
Source Current = 200µA (Note 2)
●
VCCA,B
–0.2
V
Rise/Fall Time
Loaded with 50pF (10% to 90%) (Note 2)
●
16
ns
CLKA,B Frequency
(Note 2)
●
10
MHz
RSTA,B
Low Level Output Voltage (VOL)
Sink Current = – 200µA (Note 2)
●
0.2
V
High Level Output Voltage (VOH)
Source Current = 200µA (Note 2)
●
VCCA,B
–0.2
V
Rise/Fall Time
Loaded with 50pF (10% to 90%) (Note 2)
●
100
ns
I/OA, I/OB
Low Level Output Voltage (VOL)
Sink Current = – 1mA (VDATA = 0V) (Note 2)
●
0.3
V
High Level Output Voltage (VOH)
Source Current = 20µA (VDATA = VDVCC) (Note 2)
●
0.85 •
VCCA,B
V
Rise/Fall Time
Loaded with 50pF (10% to 90%) (Note 2)
●
500
ns
Short-Circuit Current
VDATA = 0V (Note 2)
●
510
mA
DATA
Low Level Output Voltage (VOL)
Sink Current = – 500µA (VI/OA,B = 0V)
●
0.3
V
High Level Output Voltage (VOH)
Source Current = 20µA (VI/OA,B = VCCA,B)
●
0.8 •
DVCC
V
Rise/Fall Time
Loaded with 50pF (10% to 90%)
●
125
500
ns
ENABLEA, ENABLEB, RSTIN, CLKIN, CSEL, VSELA, VSELB, CLKRUNA, CLKRUNB
Low Input Threshold (VIL)
●
0.15 •
DVCC
V
High Input Threshold (VIH)
●
0.85 •
DVCC
V
Input Current (IIH/IIL)
●
–1
1
µA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBATT = 3.3V, DVCC = 1.8V, CA = CB = 1µF, unless otherwise specified.
Note 3: The LTC4558E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Based on long-term current density limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com