Electronic Components Datasheet Search
  English  ▼

X  

LTC5530 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5530
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5530 Datasheet(HTML) 3 Page - Linear Technology

  LTC5530 Datasheet HTML 1Page - Linear Technology LTC5530 Datasheet HTML 2Page - Linear Technology LTC5530 Datasheet HTML 3Page - Linear Technology LTC5530 Datasheet HTML 4Page - Linear Technology LTC5530 Datasheet HTML 5Page - Linear Technology LTC5530 Datasheet HTML 6Page - Linear Technology LTC5530 Datasheet HTML 7Page - Linear Technology LTC5530 Datasheet HTML 8Page - Linear Technology LTC5530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC5530
3
5530f
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT vs RF Input Power and VCC
1000MHz
Typical Detector Characteristics,
300MHz
Typical Detector Characteristics,
1000MHz
Output Voltage vs Supply Voltage
(RF Input Signal Off)
Supply Current vs Supply Voltage
(RF Input Signal Off)
SUPPLY VOLTAGE VCC (V)
2.5
130
125
120
115
110
5.0
5530 G01
4.5
3.5
5.5
4.0
3.0
6.0
TA = 85°C
TA = 25°C
TA = –40°C
GAIN = 2
SUPPLY VOLTAGE VCC (V)
2.5
500
480
460
440
420
5.0
5530 G02
4.5
3.5
5.5
4.0
3.0
6.0
TA = 85°C
TA = 25°C
TA = –40°C
GAIN = 2
5600
4800
4000
3200
2400
1600
800
0
RF INPUT POWER (dBm)
5530 G03
–32 –28 –24 –20 –16 –12 –8 –4
0
4
12
8
TA = 25°C
GAIN = 2
VCC = 3V
VCC = 4V
VCC = 5V
VCC = 6V
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G04
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
GAIN =2
TA = –40°C
TA = 85°C
TA = 25°C
5530 G05
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
GAIN =2
TA = –40°C
TA = 85°C
TA = 25°C
Typical Detector Characteristics,
4000MHz
Typical Detector Characteristics,
2000MHz
Typical Detector Characteristics,
3000MHz
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G06
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
GAIN = 2
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G07
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
GAIN = 2
TA = 25°C
TA = 85°C
TA = –40°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G08
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
TA = 25°C
Typical Detector Characteristics,
5000MHz
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5530 G09
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com