Electronic Components Datasheet Search
  English  ▼

X  

LTC5530 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5530
Description  Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5530 Datasheet(HTML) 5 Page - Linear Technology

  LTC5530 Datasheet HTML 1Page - Linear Technology LTC5530 Datasheet HTML 2Page - Linear Technology LTC5530 Datasheet HTML 3Page - Linear Technology LTC5530 Datasheet HTML 4Page - Linear Technology LTC5530 Datasheet HTML 5Page - Linear Technology LTC5530 Datasheet HTML 6Page - Linear Technology LTC5530 Datasheet HTML 7Page - Linear Technology LTC5530 Datasheet HTML 8Page - Linear Technology LTC5530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC5530
5
5530f
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Slope vs RF Input Power
3000MHz
VOUT Slope vs RF Input Power
4000MHz
VOUT Slope vs RF Input Power
5000MHz
VOUT Slope vs RF Input Power
6000MHz
VOUT Slope vs RF Input Power
7000MHz
VOUT Slope vs RF Input Power
1000MHz
VOUT Slope vs RF Input Power
2000MHz
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G15
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G16
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOUT Slope vs RF Input Power
300MHz
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G14
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G17
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G18
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G19
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G20
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5530 G21
–20 –15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com