Electronic Components Datasheet Search
  English  ▼

X  

LTC6405 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6405
Description  2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6405 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6405 Datasheet HTML 9Page - Linear Technology LTC6405 Datasheet HTML 10Page - Linear Technology LTC6405 Datasheet HTML 11Page - Linear Technology LTC6405 Datasheet HTML 12Page - Linear Technology LTC6405 Datasheet HTML 13Page - Linear Technology LTC6405 Datasheet HTML 14Page - Linear Technology LTC6405 Datasheet HTML 15Page - Linear Technology LTC6405 Datasheet HTML 16Page - Linear Technology LTC6405 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6405
13
6405fa
APPLICATIONS INFORMATION
Figure 1. DC Test Circuit
–
+
1
SHDN
5
6
–IN
7
+OUT
8
+OUTF
16
15
+IN
VTIP
NC
14
–OUT
13
–OUTF
V–OUTF
RF
CF
V+OUTF
V–OUT
V+OUT
2
V+
3
V–
V+
V –
V+
V–
4
VOCM
VSHDN
VVOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
V–
CF
V–
V–
6405 F01
LTC6405
SHDN
0.1μF
0.01μF
VCM
RF
RI
RI
RBAL
100k
RBAL
100k
+
–
VINP
–
+
VINM
V–IN
V+IN
VOUTCM
V+
0.1μF
V–
0.1μF
0.1μF
0.1μF
1.25pF
1.25pF
1.25pF
0.1μF
0.01μF
50Ω
50Ω
(RI, RF: 0.1% RESISTORS)
*TO OPTIMIZE THE HIGH FREQUENCY PERFORMANCE FOR THE PIN CONFIGURATION OF THE LTC6405
IN THE SMALL MSOP PACKAGE, A FEEDBACK RESISTANCE OF AT LEAST 300Ω IS RECOMMENDED.
PACKAGE
MSOP*
QFN
DEFAULT VALUES
CF
1.0pF
1.8pF
RI
300Ω
200Ω
RF
300Ω
200Ω
Functional Description
The LTC6405 is a small outline, wideband, low noise, and
low distortion fully-differential amplifier with accurate
output phase balancing. The LTC6405 is optimized to
drive low voltage, single-supply, differential input analog-
to-digital converters (ADCs). The LTC6405 input common
mode range is rail-to-rail, while the output common mode
voltage is independently adjustable by applying a voltage
on the VOCM pin. The output voltage swing extends from
near-ground to 4V, to be compatible with a wide range of
ADC converter input requirements. This makes the LTC6405
ideal for level shifting signals with a wide common mode
range for driving 12-bit to 16-bit single supply, differential
input ADCs. The differential output allows for twice the
signal swing in low voltage systems when compared to
single-ended output amplifiers. The balanced differential
nature of the amplifier also provides even-order harmonic
distortion cancellation, and less susceptibility to common
mode noise (like power supply noise). The LTC6405 can be
used as a single ended input to differential output amplifier,
or as a differential input to differential output amplifier.
The LTC6405 output common mode voltage, defined as the
average of the two output voltages, is independent of the
input common mode voltage, and is adjusted by applying
a voltage on the VOCM pin. If the pin is left open, there
is an internal resistive voltage divider, which develops a
potential of 2.5V (if the supply is 5V). It is recommended
that a high quality ceramic cap is used to bypass the VOCM
pin to a low impedance ground plane. The LTC6405’s
internal common mode feedback path forces accurate
output phase balancing to reduce even order harmonics,
and centers each individual output about the potential set
by the VOCM pin.
V
OUTCM = VOCM =
V+OUT + V–OUT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com