Electronic Components Datasheet Search
  English  ▼

X  

LTC6405 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6405
Description  2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6405 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6405 Datasheet HTML 2Page - Linear Technology LTC6405 Datasheet HTML 3Page - Linear Technology LTC6405 Datasheet HTML 4Page - Linear Technology LTC6405 Datasheet HTML 5Page - Linear Technology LTC6405 Datasheet HTML 6Page - Linear Technology LTC6405 Datasheet HTML 7Page - Linear Technology LTC6405 Datasheet HTML 8Page - Linear Technology LTC6405 Datasheet HTML 9Page - Linear Technology LTC6405 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6405
6
6405fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs SHDN Voltage
Shutdown Supply Current
vs Supply Voltage
Differential Input Referred Offset
Voltage vs Temperature
Differential Input Referred
Offset Voltage vs Input Common
Mode Voltage
Common Mode Offset Voltage
vs Temperature
TEMPERATURE (°C)
–50
–1.0
–0.6
–0.2
0.2
–25
0
25
50
75
0.6
1.0
–0.8
–0.4
0
0.4
0.8
100
6405 G01
VS = 5V
VOCM = 2.5V
VICM = 2.5V
RI = RF = 200Ω
FIVE REPRESENTATIVE UNITS
INPUT COMMON MODE VOLTAGE (V)
–1.0
–0.6
–0.2
0.2
0.6
1.0
–0.8
–0.4
0
0.4
0.8
6405 G02
VS = 5V
VOCM = 2.5V
RI = RF = 200Ω
0.1% FEEDBACK NETWORK
RESISTORS REPRESENT-
ATIVE UNIT
0
3.5
12
0.5
4.5
1.5
2.5
4
35
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
TEMPERATURE (°C)
–50
2
4
6
8
–25
0
25
50
75
9
3
5
7
100
6405 G03
VS = 5V
VOCM = 2.5V
VICM = 2.5V
FIVE REPRESENTATIVE UNITS
SUPPLY VOLTAGE (V)
6405 G04
20
15
10
5
0
2
3.5
3
0.5 1 1.5
2.5
0
4.5
45 5.5
VSHDN = OPEN
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
SHDN VOLTAGE (V)
6405 G05
20
15
10
5
0
2
3.5
3
0.5
1
1.5
2.5
0
4.5
45
VS = 5V
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
SUPPLY VOLTAGE (V)
6405 G06
600
500
300
100
400
200
0
2
3.5
3
0.5 1 1.5
2.5
0
4.5
45 5.5
VSHDN = V
–
TA = – 40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com