Electronic Components Datasheet Search
  English  ▼

X  

LTC1749 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1749
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1749 Datasheet HTML 3Page - Linear Technology LTC1749 Datasheet HTML 4Page - Linear Technology LTC1749 Datasheet HTML 5Page - Linear Technology LTC1749 Datasheet HTML 6Page - Linear Technology LTC1749 Datasheet HTML 7Page - Linear Technology LTC1749 Datasheet HTML 8Page - Linear Technology LTC1749 Datasheet HTML 9Page - Linear Technology LTC1749 Datasheet HTML 10Page - Linear Technology LTC1749 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1749
1749f
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT, fIN = 250.2MHz,
–10dB, PGA = 1
8192 Point FFT, fIN = 250.2MHz,
–20dB, PGA = 1
8192 Point 2-Tone FFT, 25.01MHz
and 30.1MHz, –7dB, PGA = 0
SFDR vs 30.2MHz Input Level,
PGA = 0
SFDR vs 140.2MHz, Input Level,
PGA = 1
FREQUENCY (MHz)
0
–60
–30
–20
40
1749 G16
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1749 G17
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1749 G18
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
8192 Point 2-Tone FFT, 65.01MHz
and 70.01MHz, –7dB, PGA = 0
FREQUENCY (MHz)
0
–60
–30
–20
40
1749 G19
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–70 –60 –50 –40
1749 G20
–30
0
100
10
30
50
70
90
110
–20 –10
SFDR vs 70.2MHz, Input Level,
PGA = 0
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–70 –60 –50 –40
1749G21
–30
0
100
10
30
50
70
90
110
–20 –10
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–60
–40
–20
0
1749 G22
100
120
–70
–50
–30
–10
SFDR vs 250.2MHz, Input Level
SNR vs Input Frequency and
Amplitude, PGA = 0
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–60
–40
–20
0
1749 G23
100
120
–70
–50
–30
–10
INPUT FREQUENCY (MHz)
0
69.5
70.0
70.5
150
250
1749 G24
69.0
68.5
68.0
50
100
200
71.0
71.5
72.0
300
–1dB
–10dB
–20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com