Electronic Components Datasheet Search
  English  ▼

X  

LTC1749 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1749
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749 Datasheet(HTML) 1 Page - Linear Technology

  LTC1749 Datasheet HTML 1Page - Linear Technology LTC1749 Datasheet HTML 2Page - Linear Technology LTC1749 Datasheet HTML 3Page - Linear Technology LTC1749 Datasheet HTML 4Page - Linear Technology LTC1749 Datasheet HTML 5Page - Linear Technology LTC1749 Datasheet HTML 6Page - Linear Technology LTC1749 Datasheet HTML 7Page - Linear Technology LTC1749 Datasheet HTML 8Page - Linear Technology LTC1749 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1749
1749f
12-Bit, 80Msps
Wide Bandwidth ADC
s
Sample Rate: 80Msps
s
PGA Front End (2.25VP-P or 1.35VP-P Input Range)
s
71.8dB SNR and 87dB SFDR (PGA = 0)
s
70.2dB SNR and 87dB SFDR (PGA = 1)
s
500MHz Full Power Bandwidth S/H
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1.45W
s
Two Pin Selectable Reference Values
s
Data Ready Output Clock
s
Pin Compatible 14-Bit 80Msps Device (LTC1750)
s
48-Pin TSSOP Package
s
Direct IF Sampling
s
Telecommunications
s
Receivers
s
Cellular Base Stations
s
Spectrum Analysis
s
Communications Test Equipment
s
Undersampling
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1749 is an 80Msps, 12-bit A/D converter de-
signed for digitizing wide dynamic range signals up to
frequencies of 500MHz. The input range of the ADC can be
optimized with the on-chip PGA sample-and-hold circuit
and flexible reference circuitry.
The LTC1749 has a highly linear sample-and-hold circuit
with a bandwidth of 500MHz. The SFDR is 80dB with an
input frequency of 250MHz. Ultralow jitter of 0.15psRMS
allows undersampling of IF frequencies with minimal
degradation in SNR. DC specs include
±1LSB INL and no
missing codes.
The digital interface is compatible with 5V, 3V, 2V and
LVDS logic systems. The ENC and ENC inputs may be
driven differentially from PECL, GTL and other low swing
logic families or from single-ended TTL or CMOS. The low
noise, high gain ENC and ENC inputs may also be driven
by a sinusoidal signal without degrading performance. A
separate output power supply can be operated from 0.5V
to 5V, making it easy to connect directly to low voltage
DSPs or FIFOs.
The 48-pin TSSOP package with a flow-through pinout
simplifies the board layout.
80Msps, 12-Bit ADC with a 2.25V Differential Input Range
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA
12-BIT
PIPELINED ADC
12
S/H
CIRCUIT
±1.125V
DIFFERENTIAL
ANALOG INPUT
AIN
+
PGA
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1749 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2VREF
CORRECTION
LOGIC AND
SHIFT
REGISTER
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D11
D0
CLKOUT
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
MSBINV
0.1
µF


Similar Part No. - LTC1749

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
12-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12528 MAXIM-MAX12528 Datasheet
426Kb / 28P
Dual, 80Msps, 12-Bit, IF/Baseband ADC
Rev 0; 4/05
logo
Linear Technology
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC1750 LINER-LTC1750 Datasheet
281Kb / 20P
14-Bit, 80Msps Wide Bandwidth ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
12-Bit, 80Msps Wide Bandwidth ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC1750 LINER-LTC1750_15 Datasheet
286Kb / 20P
14-Bit, 80Msps Wide Bandwidth ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
12-Bit, 80Msps, 3.3V ADC
2004
MAX1209 MAXIM-MAX1209 Datasheet
372Kb / 27P
12-Bit, 80Msps, 3.3V IF-Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com