Electronic Components Datasheet Search
  English  ▼

X  

LTC1749CFW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1749CFW
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749CFW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1749CFW Datasheet HTML 8Page - Linear Technology LTC1749CFW Datasheet HTML 9Page - Linear Technology LTC1749CFW Datasheet HTML 10Page - Linear Technology LTC1749CFW Datasheet HTML 11Page - Linear Technology LTC1749CFW Datasheet HTML 12Page - Linear Technology LTC1749CFW Datasheet HTML 13Page - Linear Technology LTC1749CFW Datasheet HTML 14Page - Linear Technology LTC1749CFW Datasheet HTML 15Page - Linear Technology LTC1749CFW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1749
1749f
In operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the
DAC to produce a residue. The residue is amplified and
output by the residue amplifier. Successive stages operate
out of phase so that when the odd stages are outputting
their residue, the even stages are acquiring that residue
and visa versa.
When ENC is low, the analog input is sampled differentially
directly onto the input sample-and-hold capacitors, inside
the “Input S/H” shown in the block diagram. At the instant
that ENC transitions from low to high, the sampled input
is held. While ENC is high, the held input voltage is
buffered by the S/H amplifier which drives the first pipelined
ADC stage. The first stage acquires the output of the S/H
during this high phase of ENC. When ENC goes back low,
the first stage produces its residue which is acquired by
the second stage. At the same time, the input S/H goes
back to acquiring the analog input. When ENC goes back
high, the second stage produces its residue which is
acquired by the third stage. An identical process is re-
peated for the third stage, resulting in a third stage residue
that is sent to the fourth stage ADC for final evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally synchronized such
that the results can be properly combined in the correction
logic before being sent to the output buffer.
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC1749
CMOS differential sample-and-hold. The differential ana-
log inputs are sampled directly onto sampling capacitors
(CSAMPLE) through NMOS switches. This direct capacitor
sampling results in lowest possible noise for a given
sampling capacitor size. The capacitors shown attached to
each input (CPARASITIC) are the summation of all other
capacitance associated with each input.
During the sample phase when ENC/ENC is low, the NMOS
switch connects the analog inputs to the sampling capaci-
tors and they charge to, and track the differential input
voltage. When ENC/ENC transitions from low to high the
sampled input voltage is held on the sampling capacitors.
During the hold phase when ENC/ENC is high the sampling
capacitors are disconnected from the input and the held
voltage is passed to the ADC core for processing. As
ENC/ENC transitions from high to low the inputs are
reconnected to the sampling capacitors to acquire a new
sample. Since the sampling capacitors still hold the previ-
ous sample, a charging glitch proportional to the change
in voltage between samples will be seen at this time. If the
change between the last sample and the new sample is
small the charging glitch seen at the input will be small. If
the input change is large, such as the change seen with
input frequencies near Nyquist, then a larger charging
glitch will be seen.
Common Mode Bias
The ADC sample-and-hold circuit requires differential drive
to achieve specified performance. Each input should swing
within the valid input range, around a common mode volt-
age of 2.0V. The VCM output pin (Pin 2) may be used to pro-
vide the common mode bias level. VCM can be tied directly
to the center tap of a transformer to set the DC input level
or as a reference level to an op amp differential driver cir-
cuit. The VCM pin must be bypassed to ground close to the
ADC with a 4.7
µF or greater capacitor.
APPLICATIO S I FOR ATIO
Figure 2. Equivalent Input Circuit
CSAMPLE
3.5pF
RON
30
Ω
RON
30
Ω
VDD
LTC1749
AIN
+
1749 F02
CSAMPLE
3.5pF
BIAS
VDD
5V
AIN
–
ENC
ENC
2V
6k
2V
6k
CPARASITIC
2.4pF
CPARASITIC
1pF
CPARASITIC
1pF
CPARASITIC
2.4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com