Electronic Components Datasheet Search
  English  ▼

X  

LTC1749CFW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1749CFW
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749CFW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1749CFW Datasheet HTML 12Page - Linear Technology LTC1749CFW Datasheet HTML 13Page - Linear Technology LTC1749CFW Datasheet HTML 14Page - Linear Technology LTC1749CFW Datasheet HTML 15Page - Linear Technology LTC1749CFW Datasheet HTML 16Page - Linear Technology LTC1749CFW Datasheet HTML 17Page - Linear Technology LTC1749CFW Datasheet HTML 18Page - Linear Technology LTC1749CFW Datasheet HTML 19Page - Linear Technology LTC1749CFW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1749
1749f
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0204 1K • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1405
12-Bit, 5Msps Sampling ADC with Parallel Output
Pin Compatible with the LTC1420
LTC1406
8-Bit, 20Msps ADC
Undersampling Capability up to 70MHz
LTC1411
14-Bit, 2.5Msps ADC
5V, No Pipeline Delay, 80dB SINAD
LTC1412
12-Bit, 3Msps, Sampling ADC
±5V, No Pipeline Delay, 72dB SINAD
LTC1414
14-Bit, 2.2Msps ADC
±5V, 81dB SINAD and 95dB SFDR
LTC1420
12-Bit, 10Msps ADC
71dB SINAD and 83dB SFDR at Nyquist
LT
®1461
Micropower Precision Series Reference
0.04% Max Initial Accuracy, 3ppm/
°C Drift
LTC1666
12-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1667
LTC1667
14-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1666
LTC1668
16-Bit, 50Msps DAC
16-Bit Monotonic, 87dB SFDR, 5pV-s Glitch Impulse
LTC1741
12-Bit, 65Msps ADC
Pin Compatible with the LTC1743, LTC1745, LTC1747
LTC1742
14-Bit, 65Msps ADC
Pin Compatible with the LTC1744, LTC1746, LTC1748
LTC1743
12-Bit, 50Msps ADC
Pin Compatible with the LTC1741, LTC1745, LTC1747
LTC1744
14-Bit, 50Msps ADC
Pin Compatible with the LTC1742, LTC1746, LTC1748
LTC1745
12-Bit, 25Msps ADC
Pin Compatible with the LTC1741, LTC1743, LTC1747
LTC1746
14-Bit, 25Msps ADC
Pin Compatible with the LTC1742, LTC1744, LTC1748
LTC1747
12-Bit, 80Msps ADC
Pin Compatible with the LTC1741, LTC1743, LTC1745
LTC1748
14-Bit, 80Msps ADC
Pin Compatible with the LTC1742, LTC1744, LTC1746
LTC1750
14-Bit, 80Msps ADC with Wide Bandwidth
Pin Compatible with the LTC1749
LT1807
325MHz, Low Distortion Dual Op Amp
Rail-to-Rail Input and Output
LT5512
High Signal Level Down Converting Mixer
DC to 3GHz, 17dBm IIP3, Integrated LO Buffer
LT5515
Direct Conversion Demodulator
1.5GHz to 2.5GHz, 21.5dBm IIP3, Integrated LO Quadrature Generator
LT5516
Direct Conversion Quadrature Demodulator
800MHz to 3GHz, 17dBm IIP3, Integrated LO Buffer
LT5522
High Signal Level Down Converting Mixer
600MHz to 3GHz, 25dBm IIP3, Integrated LO Buffer
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com