Electronic Components Datasheet Search
  English  ▼

X  

LTC6603 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6603
Description  Dual Adjustable Lowpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603 Datasheet(HTML) 3 Page - Linear Technology

  LTC6603 Datasheet HTML 1Page - Linear Technology LTC6603 Datasheet HTML 2Page - Linear Technology LTC6603 Datasheet HTML 3Page - Linear Technology LTC6603 Datasheet HTML 4Page - Linear Technology LTC6603 Datasheet HTML 5Page - Linear Technology LTC6603 Datasheet HTML 6Page - Linear Technology LTC6603 Datasheet HTML 7Page - Linear Technology LTC6603 Datasheet HTML 8Page - Linear Technology LTC6603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6603
3
6603f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
2.5MHz, internal clocking with RBIAS = 30.9k unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Phase Either
Channel
External Clock = 80MHz, Filter Cutoff (fC)= 156.25kHz, VIN = 3.6VP-P, Pin 3 Open
fIN = 62.5kHz (0.4 • fC)
fIN = 125kHz (0.8 • fC)
fIN = 156.25kHz (fC)
l
l
l
158
–44
–152
161
–39
–146
163
–36
–142
deg
deg
deg
Matching of Filter
Phase
External Clock = 80MHz, Filter Cutoff (fC)= 156.25kHz, VIN = 3.6VP-P, Pin 3 Open
fIN = 62.5kHz (0.4 • fC)
fIN = 125kHz (0.8 • fC)
fIN = 156.25kHz (fC)
l
l
l
±0.2
±0.4
±0.5
±1.5
±3
±4
deg
deg
deg
Filter Gain Either
Channel
External Clock = 80MHz, Filter Cutoff (fC)= 2.5MHz, VIN = 3.6VP-P, Pin 3 Open
DC Gain, Gain Set = 0dB
fIN = 1MHz (0.4 • fC), Relative to DC Gain
fIN = 2MHz (0.8 • fC), Relative to DC Gain
fIN = 2.5MHz (fC), Relative to DC Gain
fIN = 4MHz (1.5 • fC), Relative to DC Gain
l
l
l
l
l
0
–2
–0.7
–1.1
0.5
–0.8
0.4
0.1
–43
1.2
–0.1
1.5
1
–32.6
dB
dB
dB
dB
dB
Matching of Filter
Gain
External Clock = 80MHz, Filter Cutoff (fC)= 2.5MHz, VIN = 3.6VP-P, Pin 3 Open
fIN = 2MHz (0.8 • fC)
fIN = 2.5MHz (fC)
l
l
±0.05
±0.2
±0.2
±0.4
dB
dB
Filter Phase
Either Channel
External Clock = 80MHz, Filter Cutoff (fC)= 2.5MHz, VIN = 3.6VP-P, Pin 3 Open
fIN = 1MHz (0.4 • fC)
fIN = 2MHz (0.8 • fC)
fIN = 2.5MHz (fC)
l
l
l
150
–45
–152
155
–39
–141
159
–28
–126
deg
deg
deg
Matching of Filter
Phase
External Clock = 80MHz, Filter Cutoff (fC)= 2.5MHz, VIN = 3.6VP-P, Pin 3 Open
fIN = 1MHz (0.4 • fC)
fIN = 2MHz (0.8 • fC)
fIN = 2.5MHz (fC)
l
l
l
±2.5
±4
±4
deg
deg
deg
Filter Cutoff Accuracy
when Self Clocked
CLKCNTL = 3V (Note 4)
RBIAS = 200k
RBIAS = 54.9k
RBIAS = 30.9k
l
l
l
±3
±3
±3.5
%
%
%
DC Gain
Filter Cutoff (fC) = 2.5MHz, 0.6V to 2.4V Each Output, Pin 3 Open
Gain Setting = 0dB
Gain Setting = 6dB
Gain Setting = 12dB
Gain Setting = 24dB
l
l
l
l
0
5.6
11.2
22.5
0.5
6
11.8
23.2
1.2
6.6
12.5
24
dB
dB
dB
dB
DC Gain Matching
Filter Cutoff (fC) = 2.5MHz, 0.6V to 2.4V Each Output, Pin 3 Open
Gain Setting = 0dB
Gain Setting = 6dB
Gain Setting = 12dB
Gain Setting = 24dB
l
l
l
l
±0.1
±0.05
±0.05
±0.1
±0.2
±0.1
±0.15
±0.2
dB
dB
dB
dB
Noise At 200kHz
Voltage Noise Referred to the Input
Gain = 0dB
Gain = 6dB
Gain = 12dB
Gain = 24dB
–124
–129
–135
–145
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
Integrated Noise
Noise Bandwidth = 5MHz, Referred to the Input
Gain = 0dB
Gain = 6dB
Gain = 12dB
Gain = 24dB
–53
–59
–65
–76
dBm
dBm
dBm
dBm
THD
VIN = 2VP-P, fIN = 200kHz, Gain Setting = 24dB
–75
dB
Input Impedance
Gain = 24dB, RBIAS = 30.9k, Filter Cutoff (fC) = 2.5MHz
Differential
Common Mode
1.6
5
kΩ
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com