Electronic Components Datasheet Search
  English  ▼

X  

LTC6603 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6603
Description  Dual Adjustable Lowpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603 Datasheet(HTML) 4 Page - Linear Technology

  LTC6603 Datasheet HTML 1Page - Linear Technology LTC6603 Datasheet HTML 2Page - Linear Technology LTC6603 Datasheet HTML 3Page - Linear Technology LTC6603 Datasheet HTML 4Page - Linear Technology LTC6603 Datasheet HTML 5Page - Linear Technology LTC6603 Datasheet HTML 6Page - Linear Technology LTC6603 Datasheet HTML 7Page - Linear Technology LTC6603 Datasheet HTML 8Page - Linear Technology LTC6603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6603
4
6603f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
2.5MHz, internal clocking with RBIAS = 30.9k unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS Differential
Input Referred Differential Offset Voltage at Either Output
Lowest Cutoff Frequency, Gain Setting = 24dB
Highest Cutoff Frequency, Gain Setting = 24dB
Lowest Cutoff Frequency, Gain Setting = 0dB
Highest Cutoff Frequency, Gain Setting = 0dB
l
l
l
l
±8
±14
±40
±60
mV
mV
mV
mV
CMRR Differential
fC = 625kHz
Common Mode Input from 0 to 3V, V+IN = 3V
Common Mode Input from 0 to 5V, V+IN = 5V
l
l
60
60
90
90
dB
dB
VOCM Pin Voltage
V+A = V+D = 3V, Pin 3 Open
l
1.3
1.45
1.5
V
VOCM Pin Input
Impedance
V+A = V+D = 3V, Pin 3 Open
l
2.5
3.4
4.5
kΩ
VOSCM
Common Mode Offset Voltage, VOCM = 1.5V, Supplies = 3V
VOSCM = VOUT-CM – VOCM
l
100
185
mV
Output Swing
Source 1mA, Relative to V+A
Sink 1mA, Relative to GND
l
l
200
150
500
400
mV
mV
Short-Circuit Current
Sourcing
Sinking
l
l
7
11
25
30
mA
mA
Supply Current
Internal Clock (RBIAS = 30.9k); Sum of the Currents into V+D, V+A, and V+IN All
Supplies Set to 3V
fC = 156.25kHz
fC = 625kHz
fC = 2.5MHz
l
l
l
88
121
162
96
130
175
mA
mA
mA
Supply Current,
Shutdown Mode
Sum of the Currents into V+D, V+A, and V+IN; All Supplies Set to 3V
Shutdown Via Serial Interface
l
170
235
μA
Supply Voltage
V+D, V+A Relative to GND
V+IN Relative to GND
l
l
2.7
2.7
3.6
5.5
V
V
PSRR
V+D = V+A = V+IN, All from 2.7V to 3.6V
V+D = V+A = 3V, V+IN from 4.5V to 5.5V
l
l
40
65
50
85
dB
dB
RBIAS Resistor Range CLKCNTL = 3V
Clock Frequency Error < ±3.5%
Clock Frequency Error < ±3%
l
l
30.9
54.9
54.9
200
kΩ
kΩ
RBIAS Pin Voltage
30.9k < RBIAS < 200k
1.17
V
Clock Frequency Drift
Over Temperature
RBIAS = 30.9k
CLKCNTL Pin Open
40
ppm/ºC
Clock Frequency Drift
Over Supply
V+A, V+D from 2.7V to 3.6V, RBIAS = 30.9k
CLKCNTL Pin Open
l
0.2
0.5
%/V
Output Clock Duty
Cycle
RBIAS = 30.9k
l
45
50
55
%
CLKIO Pin High Level
Input Voltage
CLKCNTL = 0V (Note 5)
l
V+D – 0.3
V
CLKIO Pin Low Level
Input Voltage
CLKCNTL = 0V (Note 5)
l
0.3
V
CLKIO Pin Input
Current
CLKCNTL = 0V
CLKIO = 0V (Note 6)
CLKIO = V+D
l
l
–1
10
μA
μA
CLKIO Pin High Level
Output Voltage
V+A = V+D = 3V, CLKCNTL = 3V
IOH = –1mA
IOH = –4mA
2.95
2.9
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com