Electronic Components Datasheet Search
  English  ▼

X  

LTC1864 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1864
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 3 Page - Linear Technology

  LTC1864 Datasheet HTML 1Page - Linear Technology LTC1864 Datasheet HTML 2Page - Linear Technology LTC1864 Datasheet HTML 3Page - Linear Technology LTC1864 Datasheet HTML 4Page - Linear Technology LTC1864 Datasheet HTML 5Page - Linear Technology LTC1864 Datasheet HTML 6Page - Linear Technology LTC1864 Datasheet HTML 7Page - Linear Technology LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC1864/LTC1865
3
18645fb
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1865HMS#PBF
LTC1865HMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865ACMS#PBF
LTC1865ACMS#TRPBF
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865AIMS#PBF
LTC1865AIMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865AHMS#PBF
LTC1865AHMS#TRPBF
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865CS8#PBF
LTC1865CS8#TRPBF
1865
8-Lead Plastic SO
0°C to 70°C
LTC1865IS8#PBF
LTC1865IS8#TRPBF
1865I
8-Lead Plastic SO
–40°C to 85°C
LTC1865ACS8#PBF
LTC1865ACS8#TRPBF
1865A
8-Lead Plastic SO
0°C to 70°C
LTC1865AIS8#PBF
LTC1865AIS8#TRPBF
1865AI
8-Lead Plastic SO
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1864CMS8
LTC1864CMS8#TR
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864IMS8
LTC1864IMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864HMS8
LTC1864HMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864ACMS8
LTC1864ACMS8#TR
LTHQ
8-Lead Plastic MSOP
0°C to 70°C
LTC1864AIMS8
LTC1864AIMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 85°C
LTC1864AHMS8
LTC1864AHMS8#TR
LTHQ
8-Lead Plastic MSOP
–40°C to 125°C
LTC1864CS8
LTC1864CS8#TR
1864
8-Lead Plastic SO
0°C to 70°C
LTC1864IS8
LTC1864IS8#TR
1864I
8-Lead Plastic SO
–40°C to 85°C
LTC1864ACS8
LTC1864ACS8#TR
1864A
8-Lead Plastic SO
0°C to 70°C
LTC1684AIS8
LTC1684AIS8#TR
1864AI
8-Lead Plastic SO
–40°C to 85°C
LTC1865CMS
LTC1865CMS#TR
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865IMS
LTC1865IMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865HMS
LTC1865HMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865ACMS
LTC1865ACMS#TR
LTHS
10-Lead Plastic MSOP
0°C to 70°C
LTC1865AIMS
LTC1865AIMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 85°C
LTC1865AHMS
LTC1865AHMS#TR
LTHS
10-Lead Plastic MSOP
–40°C to 125°C
LTC1865CS8
LTC1865CS8#TR
1865
8-Lead Plastic SO
0°C to 70°C
LTC1865IS8
LTC1865IS8#TR
1865I
8-Lead Plastic SO
–40°C to 85°C
LTC1865ACS8
LTC1865ACS8#TR
1865A
8-Lead Plastic SO
0°C to 70°C
LTC1865AIS8
LTC1865AIS8#TR
1865AI
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com