Electronic Components Datasheet Search
  English  ▼

X  

LTC1864 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1864
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 4 Page - Linear Technology

  LTC1864 Datasheet HTML 1Page - Linear Technology LTC1864 Datasheet HTML 2Page - Linear Technology LTC1864 Datasheet HTML 3Page - Linear Technology LTC1864 Datasheet HTML 4Page - Linear Technology LTC1864 Datasheet HTML 5Page - Linear Technology LTC1864 Datasheet HTML 6Page - Linear Technology LTC1864 Datasheet HTML 7Page - Linear Technology LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1864/LTC1865
4
18645fb
CONVERTER AND MULTIPILEXER CHARACTERISTICS
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
87
dB
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
10kHz Input Signal
100kHz Input Signal
83
76
dB
dB
THD
Total Harmonic Distortion Up to 5th Harmonic
10kHz Input Signal
100kHz Input Signal
88
77
dB
dB
Full Power Bandwidth
20
MHz
Full Linear Bandwidth
S/(N+D) ≥ 75dB
125
kHz
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1864/LTC1865
LTC1864A/LTC1865A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
l
16
16
Bits
No Missing Codes Resolution
l
14
15
Bits
INL
(Note 3)
H-Grade (Note 3)
l
l
±8
±8.5
±6
±6.5
LSB
LSB
Transition Noise
1.1
1.1
LSBRMS
Gain Error
l
±20
±20
mV
Offset Error
LTC1864 SO-8 and MSOP, LTC1865 MSOP
LTC1865 SO-8
l
l
±2
±3
±5
±7
±2
±3
±5
±7
mV
mV
Input Differential Voltage Range VIN = IN+ – IN–
l
0VREF
0VREF
V
Absolute Input Range
IN+ Input
IN– Input
–0.05
–0.05
VCC + 0.05
VCC/2
–0.05
–0.05
VCC + 0.05
VCC/2
V
V
VREF Input Range
LTC1864 SO-8 and MSOP,
LTC1865 MSOP
1VCC
1VCC
V
Analog Input Leakage Current
(Note 4)
l
±1
±1
μA
CIN Input Capacitance
In Sample Mode
During Conversion
12
5
12
5
pF
pF
DYNAMIC ACCURACY
TA = 25°C. VCC = 5V, VREF = 5V, fSAMPLE = 250kHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com