Electronic Components Datasheet Search
  English  ▼

X  

LTC1750 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1750 Datasheet HTML 3Page - Linear Technology LTC1750 Datasheet HTML 4Page - Linear Technology LTC1750 Datasheet HTML 5Page - Linear Technology LTC1750 Datasheet HTML 6Page - Linear Technology LTC1750 Datasheet HTML 7Page - Linear Technology LTC1750 Datasheet HTML 8Page - Linear Technology LTC1750 Datasheet HTML 9Page - Linear Technology LTC1750 Datasheet HTML 10Page - Linear Technology LTC1750 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1750
1750f
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT, fIN = 250.2MHz,
–10dB, PGA = 1
8192 Point FFT, fIN = 250.2MHz,
–20dB, PGA = 1
8192 Point 2-Tone FFT,
fIN = 26.4MHz and 27.5MHz,
–7dB Each Tone, PGA = 1
8192 Point 2-Tone FFT,
fIN = 69.4MHz and 65.2MHz,
–7dB Each Tone, PGA = 1
SFDR vs 15MHz Input Level
INPUT LEVEL (dBFS)
–80
60
90
100
0
1750 G20
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
120
110
80
70
30
10
SFDR vs 40.2MHz Input Level
INPUT LEVEL (dBFS)
–80
60
90
100
0
1750 G21
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
120
110
80
70
30
10
SFDR vs 140.2MHz Input Level,
PGA = 0
INPUT LEVEL (dBFS)
–80
60
90
100
0
1750 G22
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
120
110
80
70
30
10
SFDR vs 250.2MHz Input Level,
PGA = 0
INPUT LEVEL (dBFS)
–80
60
90
100
0
1750 G23
50
40
0
–60
–40
–20
–70
–50
–30
–10
20
120
110
80
70
30
10
SNR vs Input Frequency and
Amplitude, PGA = 0
INPUT FREQUENCY (MHz)
0
70
71
72
73
74
76
50
100
150
200
1750 G24
250
300
75
–1dB
–10dB
–20dB
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G16
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G17
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G18
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
FREQUENCY (MHz)
0
–60
–30
–20
40
1750 G19
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com