Electronic Components Datasheet Search
  English  ▼

X  

LTC1750 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1750 Datasheet HTML 12Page - Linear Technology LTC1750 Datasheet HTML 13Page - Linear Technology LTC1750 Datasheet HTML 14Page - Linear Technology LTC1750 Datasheet HTML 15Page - Linear Technology LTC1750 Datasheet HTML 16Page - Linear Technology LTC1750 Datasheet HTML 17Page - Linear Technology LTC1750 Datasheet HTML 18Page - Linear Technology LTC1750 Datasheet HTML 19Page - Linear Technology LTC1750 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1750
1750f
REFLA. These capacitors should be as close to the device
as possible (1.5mm or less). Size 0402 ceramic capacitors
are recomended. The large 4.7
µFcapacitorbetweenREFHA
and REFLA can be somewhat further away. The traces
connecting the pins and bypass capacitors must be kept
short and should be made as wide as possible.
The LTC1750 differential inputs should run parallel and
close to each other. The input traces should be as short as
possible to minimize capacitance and to minimize noise
pickup.
An analog ground plane separate from the digital process-
ing system ground should be used. All ADC ground pins
labeled GND should connect to this plane. All ADC VDD
bypass capacitors, reference bypass capacitors and input
filter capacitors should connect to this analog plane. The
LTC1750 has three output driver ground pins, labeled
OGND (Pins 27, 38 and 47). These grounds should con-
nect to the digital processing system ground. The output
driver supply, OVDD should be connected to the digital
processing system supply. OVDD bypasscapacitorsshould
bypass to the digital system ground. The digital process-
ing system ground should be connected to the analog
plane at ADC OGND (Pin 38).
HEAT TRANSFER
Most of the heat generated by the LTC1750 is transferred
from the die through the package leads onto the printed
circuit board. In particular, ground pins 12, 13, 36 and 37
are fused to the die attach pad. These pins have the lowest
thermal resistance between the die and the outside envi-
ronment. It is critical that all ground pins are connected to
a ground plane of sufficient area. The layout of the evalu-
ation circuit shown on the following pages has a low ther-
mal resistance path to the internal ground plane by using
multiple vias near the ground pins. A ground plane of this
size results in a thermal resistance from the die to ambient
of 35
°C/W.Smallerareagroundplanesorpoorlyconnected
ground pins will result in higher thermal resistance.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com