Electronic Components Datasheet Search
  English  ▼

X  

LTC6652 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6652
Description  Precision Low Drift Low Noise Buffered Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology LTC6652 Datasheet HTML 10Page - Linear Technology LTC6652 Datasheet HTML 11Page - Linear Technology LTC6652 Datasheet HTML 12Page - Linear Technology LTC6652 Datasheet HTML 13Page - Linear Technology LTC6652 Datasheet HTML 14Page - Linear Technology LTC6652 Datasheet HTML 15Page - Linear Technology LTC6652 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6652
13
6652fb
APPLICATIONS INFORMATION
curve shows power dissipation with no load.
When operated within its specified limits of VIN = 13.2V
and sourcing 5mA, the LTC6652-2.5 consumes just under
60mW at room temperature. At 125°C the quiescent cur-
Figure 16. Maximum Recommended Dissipation for LTC6652
Figure 17. Typical Power Dissipation of the LTC6652
TEMPERATURE (°C)
0
0
0.2
0.6
0.1
80
0.7
6652 F16
0.4
0.3
0.5
40
20
100
120
60
140
VIN (V)
2
0
0.01
0.03
0.04
0.05
0.06
6652 F17
0.02
6
4
10
12
814
TA = 25°C
5mA LOAD
NO LOAD
rent will be slightly higher and the power consumption
increases to just over 60mW. The power-derating curve
in Figure 16 shows the LTC6652-2.5 can safely dissipate
125mW at 125°C about half the maximum power con-
sumption of the package.
Figure 14. Lead-Free Reflow Profile
Figure 15. Output Voltage Shift Due to IR Reflow
OUTPUT VOLTAGE SHIFT DUE TO IR REFLOW (%)
–0.014
–0.006
0
4
2
6
10
8
6652 F15
0.018
0.010
0.002
0246
MINUTES
8
0
75
150
225
300
6652 F14
10
120s
40s
tP
30s
TP = 260°C
RAMP
DOWN
RAMP TO
150°C
TS = 190°C
T = 150°C
tL
130s
TL = 217°C
TS(MAX) = 200°C
380s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com