Electronic Components Datasheet Search
  English  ▼

X  

LTC6652 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6652
Description  Precision Low Drift Low Noise Buffered Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 2 Page - Linear Technology

  LTC6652 Datasheet HTML 1Page - Linear Technology LTC6652 Datasheet HTML 2Page - Linear Technology LTC6652 Datasheet HTML 3Page - Linear Technology LTC6652 Datasheet HTML 4Page - Linear Technology LTC6652 Datasheet HTML 5Page - Linear Technology LTC6652 Datasheet HTML 6Page - Linear Technology LTC6652 Datasheet HTML 7Page - Linear Technology LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6652
2
6652fb
ABSOLUTE MAXIMUM RATINGS
Input Voltage
VIN to GND.......................................... –0.3V to 13.2V
SHDN to GND ............................–0.3V to (VIN + 0.3V)
Output Voltage
VOUT...........................................–0.3V to (VIN + 0.3V)
Output Short-Circuit Duration ...................... Indefinite
Operating Temperature Range................ –40°C to 125°C
Storage Temperature Range (Note 2) ..... –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)
(Note 9)............................................................. 300°C
(Note 1)
OUTPUT VOLTAGE
INITIAL ACCURACY
TEMPERATURE COEFFICIENT
PART NUMBER**
1.250
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-1.25
LTC6652BHMS8-1.25
2.048
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-2.048
LTC6652BHMS8-2.048
2.500
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-2.5
LTC6652BHMS8-2.5
3.000
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-3
LTC6652BHMS8-3
3.300
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-3.3
LTC6652BHMS8-3.3
4.096
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-4.096
LTC6652BHMS8-4.096
5.000
0.05%
0.1%
5ppm/°C
10ppm/°C
LTC6652AHMS8-5
LTC6652BHMS8-5
**See Order Information section for complete part number listing.
1
2
3
4
DNC
VIN
SHDN
GND
8
7
6
5
GND*
GND*
VOUT
GND*
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
DNC: DO NOT CONNECT
*CONNECT THE PINS TO DEVICE GND (PIN 4)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6652AHMS8-1.25#PBF
LTC6652AHMS8-1.25#TRPBF
LTCVH
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-1.25#PBF
LTC6652BHMS8-1.25#TRPBF
LTCVH
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-2.048#PBF
LTC6652AHMS8-2.048#TRPBF
LTCVJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-2.048#PBF
LTC6652BHMS8-2.048#TRPBF
LTCVJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-2.5#PBF
LTC6652AHMS8-2.5#TRPBF
LTCQV
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-2.5#PBF
LTC6652BHMS8-2.5#TRPBF
LTCQV
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-3#PBF
LTC6652AHMS8-3#TRPBF
LTCVK
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-3#PBF
LTC6652BHMS8-3#TRPBF
LTCVK
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-3.3#PBF
LTC6652AHMS8-3.3#TRPBF
LTCVM
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-3.3#PBF
LTC6652BHMS8-3.3#TRPBF
LTCVM
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-4.096#PBF
LTC6652AHMS8-4.096#TRPBF
LTCVN
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-4.096#PBF
LTC6652BHMS8-4.096#TRPBF
LTCVN
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652AHMS8-5#PBF
LTC6652AHMS8-5#TRPBF
LTCVP
8-Lead Plastic MSOP
–40°C to 125°C
LTC6652BHMS8-5#PBF
LTC6652BHMS8-5#TRPBF
LTCVP
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
AVAILABLE OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com