Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 2 Page - Linear Technology

  LTC1760 Datasheet HTML 1Page - Linear Technology LTC1760 Datasheet HTML 2Page - Linear Technology LTC1760 Datasheet HTML 3Page - Linear Technology LTC1760 Datasheet HTML 4Page - Linear Technology LTC1760 Datasheet HTML 5Page - Linear Technology LTC1760 Datasheet HTML 6Page - Linear Technology LTC1760 Datasheet HTML 7Page - Linear Technology LTC1760 Datasheet HTML 8Page - Linear Technology LTC1760 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC1760
2
1760f
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
FW PACKAGE
48-LEAD PLASTIC TSSOP
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SCH2
GCH2
GCH1
SCH1
TGATE
BOOST
SW
DCIN
VCC
BGATE
PGND
COMP1
CLP
CSP
CSN
VLIMIT
ILIMIT
TH1B
TH1A
SMBALERT
TH2A
TH2B
MODE
VCC2
VPLUS
BAT2
BAT1
SCN
SCP
GDCO
GDCI
GB1O
GB1I
GB2O
GB2I
LOPWR
VSET
ITH
ISET
DCDIV
SCL2
SCL
SCL1
VDDS
SDA2
SDA
SDA1
GND
Voltage from DCIN, SCP, SCN, CLP,
VPLUS, SW to GND................................... 32V/–0.3 V
Voltage from SCH1, SCH2 to GND ................ 28V/–0.3 V
Voltage from BOOST to GND ........................ 37V/ –0.3V
CSP, CSN, BAT1, BAT2 to GND ..................... 28V/–0.3V
LOPWR, DCDIV to GND ................................ 10V/ –0.3V
Voltage from VCC2, VDDS to GND .................... 7V/–0.3 V
SDA1, SDA2, SDA, SCL1, SCL2, SCL, SMBALERT
to GND ........................................................ 7V/–0.3V
MODE to GND ..................................... VCC2 +0.3V/–0.3V
COMP1 to GND ............................................... 5V/ –0.3V
Maximum DC Current Into Pin
SDA1, SDA2, SDA, SCL1, SCL2, SCL .............. ±3mA
TH1A, TH2A ..................................................... –5mA
TH1B, TH2B .................................................. –102µA
Operating Ambient Temperature (Note 6) .... 0°C to 70°C
Operating Junction Temperature ...........–40°C to 125°C
Storage Temperature .............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 110°C/W
LTC1760CFW
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Reference
DCIN Operating Range
DCIN Selected
6
28
V
ICH0
DCIN Operating Current
Not Charging (DCIN Selected) (Note 10)
1
1.5
mA
ICH1
Charging (DCIN Selected) (Note 10)
1.3
2
mA
IVCC2_AC1
VCC2 Operating Current
AC Present (Note 11)
0.75
1
mA
IVCC2_AC0
AC Not Present (Note 11)
75
100
µA
Battery Operating Voltage Range Battery Selected, PowerPath Function
6
28
V
Battery Selected, Charging Function (Note 2)
0
28
V
IBAT
Battery Drain Current
Battery Selected, Not Charging, VDCIN = 0V (Note 10)
175
µA
VPLUS Diodes Forward Voltage:
VFDC
DCIN to VPLUS
IVCC = 10mA
0.8
V
VFB1
BAT1 to VPLUS
IVCC = 0mA
0.7
V
VFB2
BAT2 to VPLUS
IVCC = 0mA
0.7
V
VFSCN
SCN to VPLUS
IVCC = 0mA
0.7
V
UVLO
Undervoltage Lockout Threshold VPLUS Ramping Down, Measured at VPLUS to GND
●
35
V
VVCC
VCC Regulator Output Voltage
●
4.9
5.2
5.5
V
VLDR
VCC Load Regulation
IVCC = 0mA to 10mA
●
0.2
1
%
Switching Regulator
VTOL
Voltage Accuracy
With Respect to Voltage Reported by Battery
●
–32
32
mV
VCHMIN < Requested Voltage < VLIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com