Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 28Page - Linear Technology LTC1760 Datasheet HTML 29Page - Linear Technology LTC1760 Datasheet HTML 30Page - Linear Technology LTC1760 Datasheet HTML 31Page - Linear Technology LTC1760 Datasheet HTML 32Page - Linear Technology LTC1760 Datasheet HTML 33Page - Linear Technology LTC1760 Datasheet HTML 34Page - Linear Technology LTC1760 Datasheet HTML 35Page - Linear Technology LTC1760 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC1760
32
1760f
–
+
CB1
CB2
CSN
1760 F07
EA
VREF
VSET
RVSET
7.2k
RVF
405.3k
∆Σ
MODULATOR
SWV
11
TO
ITH
DAC
VALUE
(11 BITS)
Figure 7. Voltage DAC Operation
–
+
1760 F08
VREF
ISET
RSET
18.77k
∆Σ
MODULATOR
10
TO
ITH
DAC
VALUE
(10 BITS)
CSET
(VCSP – VCSN)
3kΩ
(FROM CA1 AMPLIFIER)
Figure 8. Current Dac Operation
VPLUS and 2µF on VCC, including tolerances) should keep
the LTC1760 operating above the UVLO trip voltage long
enough to perform the short-circuit function when the
input voltages are greater than 8V. Increasing the capaci-
tor across VCC to 4.7µF will allow operation down to the
recommended 6V minimum.
8.3 Emergency Turn-Off
All of the PowerPath switches can be forced off by setting
the DCDIV pin to a voltage between 8V and 10V. This will
have the same effect as a short-circuit event. DCDIV must
be less than 5V and VPLUS must decrease below the UVLO
threshold to re-enable the PowerPath switches. The
LTC1760 can recover from this condition without remov-
ing power. Contact Applications Engineering for more
information.
8.4 Power-Up Strategy
All three PowerPath switches are turned on after VPLUS
exceeds the UVLO threshold for more than 250ms. This
delay is to prevent oscillation from a turn-on transient near
the UVLO threshold.
9 The Voltage DAC Block
The voltage DAC (VDAC) is a delta-sigma modulator which
controls the effective value of an internal resistor,
RVSET = 7.2k, used to program the maximum charger
voltage. Figure 7 is a simplified diagram of the VDAC
operation. The delta-sigma modulator and switch SWV
convert the VDAC value to a variable resistance equal to
(11/8)RVSET/(VDAC(VALUE)/2047). In regulation, VSET is
servo driven to the 0.8V reference voltage, VREF.
OPERATIO
Capacitors CB1 and CB2 are used to average the voltage
present at the VSET pin as well as provide a zero in the
voltage loop to help stability and transient response time
to voltage variations.
10 The Current DAC Block
The current DAC is a delta-sigma modulator which
controls the effective value of an internal resistor,
RSET = 18.77k, used to program the maximum charger
current. Figure 8 is a simplified diagram of the DAC opera-
tion. The delta-sigma modulator and switch convert the
IDAC value to a variable resistance equal to 1.25RSET/
(IDAC(VALUE)/1023). In regulation, ISET is servo driven to
the 0.8V reference voltage, VREF, and the current from RSET
is matched against a current derived from the voltage
between pins CSP and CSN. This current is (VCSP – VCSN)/
3k.
Therefore programmed current is:
ICHG = 0.8 VREF 3k/(RSNS RSET) • (IDAC(VALUE)/1023)
= (102.3mV/RSNS) • (IDAC(VALUE)/1023)
During wake-up current operation, the current DAC enters
a low current mode. The current DAC output is pulse-width
modulated with a high frequency clock having a duty cycle
value of 1/8. Therefore, the maximum output current pro-
vided by the charger is IMAX/8.Thedelta-sigmaoutputgates
this low duty cycle signal on and off. The delta-sigma shift
registers are then clocked at a slower rate, about 40ms/bit,
so that the charger has time to settle to the IMAX/8 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com