Electronic Components Datasheet Search
  English  ▼

X  

LTM4604 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 6Page - Linear Technology LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology LTM4604 Datasheet HTML 10Page - Linear Technology LTM4604 Datasheet HTML 11Page - Linear Technology LTM4604 Datasheet HTML 12Page - Linear Technology LTM4604 Datasheet HTML 13Page - Linear Technology LTM4604 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM4604
10
4604f
APPLICATIONS INFORMATION
VIN
VIN
5V
PGOOD
COMP
LTM4604
RUN/SS
RFB3
1.62k
COUT1
22
μF
6.3V
×3
X5R OR
X7R
VMASTER
3.3V
4A
CIN1
10
μF
6.3V
X5R OR X7R
CSSEXT
RAMP
CONTROL
OR VIN
VOUT
FB
TRACK
GND
VIN
VIN
5V
PGOOD
COMP
LTM4604
RUN/SS
RFB
5.76k
RFB2
5.76k
RFB1
4.99k
4604 F02
COUT2
22
μF
6.3V
×3
X5R OR
X7R
VSLAVE
1.5V
4A
CIN2
10
μF
6.3V
X5R OR X7R
VOUT
FB
TRACK
GND
Figure 2
TIME
MASTER OUTPUT
SLAVE OUTPUT
4604 F03
Figure 3
Run Enable and Soft-Start
The RUN/SS pin provides dual functions of enable and
soft-start control. The RUN/SS pin is used to control
turn on of the LTM4604. While this pin is below 0.5V, the
LTM4604 will be in a 7μA low quiescent current state. A
0.8V threshold will enable the LTM4604. This pin can be
used to sequence LTM4604 devices. The soft-start control
is provided by a 1M pull-up resistor (RSS) and a 1000pF
capacitor (CSS) as drawn in the Block Diagram. An external
capacitor can be applied to the RUN/SS pin to increase the
soft-start time. A typical value is 0.01μF. The approximate
equation for soft-start is:
t
V
VV
RC
C
SOFTSTART
IN
IN
SS
SS
SSE
=
⎛
⎝⎜
⎞
⎠⎟
+
ln
–.
•
18
X
XT
()
where RSS and CSS are shown in the Block Diagram of
Figure 1, 1.8V is the soft-start upper range, and CSSEXT
is the additional capacitance for further soft-start contol.
The soft-start function can also be used to control the
output ramp-up time, so that another regulator can be
easily tracked. An independent ramp control signal can
be applied to the master ramp, otherwise, connect the
TRACK pin to VIN to disable tracking.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK pin. The output can be tracked up and
down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider
to implement coincident tracking. The LTM4604 uses a
very accurate 4.99k resistor for the top feedback resistor.
Figure 2 shows an example of coincident tracking.
V
R
kR
V
TRACK
FB
FB
MASTER
=
+
2
2
499
.
•
VTRACK is the track ramp applied to the slave’s TRACK pin.
VTRACK applies the track reference for the slave output up
to the point of the programmed value at which VTRACK
proceeds beyond the 0.8V reference value. The VTRACK
pin must go beyond 0.8V to ensure the slave output has
reached its final value. Load current must be present for
proper tracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com